Electronic Components Datasheet Search
  English  ▼

X  

TLP2160 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2160
Description  Inverter logic type (Totem pole output)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2160 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2160 Datasheet HTML 1Page - Toshiba Semiconductor TLP2160 Datasheet HTML 2Page - Toshiba Semiconductor TLP2160 Datasheet HTML 3Page - Toshiba Semiconductor TLP2160 Datasheet HTML 4Page - Toshiba Semiconductor TLP2160 Datasheet HTML 5Page - Toshiba Semiconductor TLP2160 Datasheet HTML 6Page - Toshiba Semiconductor TLP2160 Datasheet HTML 7Page - Toshiba Semiconductor TLP2160 Datasheet HTML 8Page - Toshiba Semiconductor TLP2160 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLP2160
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP2160
TLP2160
TLP2160
TLP2160
Start of commercial production
2011-03
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Factory Networking
•
High-Speed Digital Interfacing for Instrumentation and Control Devices
•
Plasma Display Panels (PDPs)
2.
2.
2.
2. General
General
General
General
The Toshiba TLP2160 consists of a high-output GaAℓAs light-emitting diode coupled with a high-speed photo-
diode-transistor chip. TLP2160 guarantees operation at up to 125 and on supplies from 2.7 V to 5.5 V. It is
offered in the SO8 package. It has a totem-pole output that can both sink and source current. With two LED-
photoreceptor pairs, the TLP2160 helps save board space. An internal noise shield provides a guaranteed common-
mode transient immunity of 20 kV/µs.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Inverter logic type (Totem pole output)
(2)
Package: SO8
(3)
Operating temperature: -40 to 125 
(4)
Supply voltage: 2.7 to 5.5 V
(5)
Data transfer rate: 20 MBd (typ.) (NRZ)
(6)
Threshold input current: 3.5 mA (max)
(7)
Supply current: 5 mA (max)
(8)
Common-mode transient immunity: ±20 kV/µs (min)
(9)
Isolation voltage: 2500 Vrms (min)
(10) Safety standards
UL-approved: UL1577 File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349
VDE-approved: Option (V4) EN60747-5-5 (Note)
Note:
When an EN60747-5-5 approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
2014-07-24
Rev.3.0


Similar Part No. - TLP2160

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
05-Mar-1998
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
Infrared LED & Photo IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
Inverter logic type (open collector output)
More results

Similar Description - TLP2160

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS431 SHARP-IS431 Datasheet
136Kb / 4P
TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
Toshiba Semiconductor
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
Buffer logic type (totem pole output)
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
Inverter logic type (totem pole output)
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
Inverter logic type (open collector output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
Inverter logic type (open collector output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
Inverter logic type (Totem pole output)
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com