Electronic Components Datasheet Search
  English  ▼

X  

TLP2160 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP2160
Description  Inverter logic type (Totem pole output)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2160 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP2160 Datasheet HTML 1Page - Toshiba Semiconductor TLP2160 Datasheet HTML 2Page - Toshiba Semiconductor TLP2160 Datasheet HTML 3Page - Toshiba Semiconductor TLP2160 Datasheet HTML 4Page - Toshiba Semiconductor TLP2160 Datasheet HTML 5Page - Toshiba Semiconductor TLP2160 Datasheet HTML 6Page - Toshiba Semiconductor TLP2160 Datasheet HTML 7Page - Toshiba Semiconductor TLP2160 Datasheet HTML 8Page - Toshiba Semiconductor TLP2160 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLP2160
3
6.
6.
6.
6. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
6.1.
6.1.
6.1.
6.1. Truth Table
Truth Table
Truth Table
Truth Table
Input
H
L
LED1 (2)
ON
OFF
M1 (3)
OFF
ON
M2 (4)
ON
OFF
Output1 (2)
L
H
6.2.
6.2.
6.2.
6.2. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
Min
4.2
4.2
Unit
mm
7.
7.
7.
7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input forward current derating
(pulsed)
Input power dissipation
Input power dissipation
derating
Input reverse voltage
Output current
Output voltage
Supply voltage
Output power dissipation
Output power dissipation
derating
Operating temperature
Storage temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 110 )
(Ta ≥ 110 )
(Ta ≥ 110 )
(Ta ≥ 110 )
(10 s)
AC, 60 s, R.H. ≤ 60 %
Symbol
IF
∆IF/∆Ta
IFP
∆IFP/∆Ta
PD
∆PD/∆Ta
VR
IO
VO
VCC
PO
∆PO/∆Ta
Topr
Tstg
Tsol
BVS
Note
(Note 1)
(Note 1)
(Note 1),
(Note 2)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 3)
Rating
25
-0.67
40
-1.0
40
-1.0
5
10
6
6
60
-1.5
-40 to 125
-55 to 150
260
2500
Unit
mA
mA/
mA
mA/
mW
mW/
V
mA
V
mW
mW/
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Each channel
Note 2: Pulse width (PW) ≤ 1 ms, duty = 50 %
Note 3: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2014-07-24
Rev.3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com