Electronic Components Datasheet Search
  English  ▼

X  

NJW4152B Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW4152B
Description  Switching Regulator IC for Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4152B Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW4152B Datasheet HTML 15Page - New Japan Radio NJW4152B Datasheet HTML 16Page - New Japan Radio NJW4152B Datasheet HTML 17Page - New Japan Radio NJW4152B Datasheet HTML 18Page - New Japan Radio NJW4152B Datasheet HTML 19Page - New Japan Radio NJW4152B Datasheet HTML 20Page - New Japan Radio NJW4152B Datasheet HTML 21Page - New Japan Radio NJW4152B Datasheet HTML 22Page - New Japan Radio NJW4152B Datasheet HTML 23Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
NJW4152
- 21 -
Ver.2015-11-10
Compensation Design (Continued)
Poles and zeros due to the inductance and output capacitor
Double poles fP(LC) are generated by the inductance and output capacitor. Simultaneously, single zeros fZ(ESR) are
generated by the output capacitor and ESR. Each pole and zero is expressed by the following formula.
ESR
OUT
)
ESR
(
Z
R
C
2
1
f
OUT
)
LC
(
P
LC
2
1
f
If the ESR of the output capacitor is high, fZ(ESR) will be located in the vicinity of fP(LC). In an application such as this,
the zero fZ(ESR) compensates the double poles fP(LC), resulting in a tendency for stability to be readily maintained.
However, if the ESR of the output capacitor is low, fZ(ESR) shifts to the high region, and the phase is shifted -180 by
fP(LC).The NJW4152 compensation circuit enables compensation to be realized by using zeros fZ1 and fZ2.
Poles and zeros due to error amplifier
The single poles and zeros generated by the error amplifier
are obtained using the following formula.
Zero
Pole
NF
NF
1
Z
R
C
2
1
f
2
R
1
R
2
R
1
R
A
C
2
1
f
V
NF
1
P
(Av: Amplifier Open Loop Gain=80dB)
2
R
C
2
1
f
FB
2
Z
2
R
1
R
2
R
1
R
R
C
2
1
f
FB
FB
2
P
NF
3
P
R
1
C
2
1
f
(Option)
fZ1 and fZ2 are located on both sides of fP(LC).
Because the inductance and output capacitor vary, they are
each set using the following as a rough guide.
fP(LC) 0.5-fold – 0.9-fold
fP(LC) 1.1-fold – 2.0-fold
There is also a method in which fZ1 and fZ2 are located at positions lower than even fP(LC). Because there is a
tendency for the phase shift to increase and the gain to rise, it can be expected that the response will improve.
However, there is a tendency for the phase margin to become insufficient, so care is necessary.
fP1 creates poles in the low frequency region due to the Miller effect of the error amplifier. The stability becomes
better as fP1 becomes lower. On the other hand, the frequency characteristics do not improve, so the response is
adversely affected. fP1 is set using a frequency gain of 20 dB for fP(LC) as a rough guide.
If the open loop gain of the error amplifier is made 80 dB, design is carried out using fP1 < fP(LC) 10
3 (= 60 dB) as a
rough guide.
Above several 100 kHz, various poles are generated, so the upper limit of the frequency range where the loop
gain is 0 dB is set to fifth (1/5) to tenth (1/10) of oscillation frequency. The fZ(ESR) in the high frequency region
sometimes causes a loop gain to be generated (See Fig.12 Loop Gain “). Using fP2 and fP3, perform adjustment with
the NJW4152 mounted in an actual unit, so as to adequately reduce the loop gain in the high frequency region.
Fig12. Loop Gain examples
fZ1 or fZ2
fP(LC)
fP2 fP3 fZ(ESR)
Gain (dB)
LC Gain
Loop
Gain
Compensation
Gain
-40dB/dec
-20dB/dec
0dB frequency
Double
pole
fP1
* Gain increase
due to Zero
Technical Information
NJW4152 Application Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com