Electronic Components Datasheet Search
  English  ▼

X  

NJW4152B Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW4152B
Description  Switching Regulator IC for Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4152B Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW4152B Datasheet HTML 5Page - New Japan Radio NJW4152B Datasheet HTML 6Page - New Japan Radio NJW4152B Datasheet HTML 7Page - New Japan Radio NJW4152B Datasheet HTML 8Page - New Japan Radio NJW4152B Datasheet HTML 9Page - New Japan Radio NJW4152B Datasheet HTML 10Page - New Japan Radio NJW4152B Datasheet HTML 11Page - New Japan Radio NJW4152B Datasheet HTML 12Page - New Japan Radio NJW4152B Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NJW4152
- 9 -
Ver.2015-11-10
PIN DESCRIPTIONS
PIN
NUMBER
PIN NAME
FUNCTION
1
PV+
Power Supply pin for Power Line
2
V+
Power Supply pin for IC Control
3
ON/OFF
ON/OFF Control pin
The ON/OFF pin internally pulls down with 480k . Normal Operation at the time
of High Level. Standby Mode at the time of Low Level or OPEN.
4
RT
Oscillating Frequency Setting pin by Timing Resistor.
Oscillating Frequency should set between 300kHz and 1MHz.
5
IN-
Output Voltage Detecting pin
Connects output voltage through the resistor divider tap to this pin in order to
voltage of the IN- pin become 0.8V.
6
FB
Feedback Setting pin
The feedback resistor and capacitor are connected between the FB pin and the
IN- pin.
7
GND
GND pin
8
SW
Switch Output pin of Power MOSFET
–
Exposed
PAD
Connect to GND (only HSOP8 PKG)
Description of Block Features
1. Basic Functions / Features
Error Amplifier Section (ER AMP)
0.8V±1% precise reference voltage is connected to the non-inverted input of this section.
To set the output voltage, connects converter's output to inverted input of this section (IN- pin). If requires output
voltage over 0.8V, inserts resistor divider.
This AMP section has high gain and external feedback pin (FB pin). It is easy to insert a feedback resistor and a
capacitor between the FB pin and the IN- pin, making possible to set optimum loop compensation for each type of
application.
Oscillation Circuit Section (OSC)
Oscillation frequency can be set by inserting resistor between the RT pin and GND. Referring to the sample
characteristics in "Timing Resistor and Oscillation Frequency", set oscillation between 300kHz and 1MHz.
Technical Information
NJW4152 Application Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com