Electronic Components Datasheet Search
  English  ▼

X  

NSNJ2000 Datasheet(PDF) 2 Page - New Japan Radio

Part # NSNJ2000
Description  PHS-IF f0=265.55MHz BW=0.2MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSNJ2000 Datasheet(HTML) 2 Page - New Japan Radio

  NSNJ2000 Datasheet HTML 1Page - New Japan Radio NSNJ2000 Datasheet HTML 2Page - New Japan Radio NSNJ2000 Datasheet HTML 3Page - New Japan Radio NSNJ2000 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSNJ2000 Nov-2013
34
16
2
SAW 5
Marking
(1) Lot Number
(a) Year
(b) Month
*Oct.---
X
Nov.---
Y
Dec.---
Z
(c) Date
1-9---
0
10-19---
1
20-31---
2
(2) Part Number Mark
Pin no.
Connection
1
GND
2
GND
3
IN/OUT
4
GND
5
GND
6
OUT/IN
Fig.1 Measuring circuit
Fig.2 Package dimensions (in mm)
Fig.3 Desirable land area (in mm)
IN
50
Ω
OUT
50
Ω
3.8
2.2
1.15
1.15
110nH
LQW18A
2pF
GRM18
(0. 6)
(0. 75)
(0. 45)
1
2
3
4
6
3. 0±0. 15
(a)
(1)
(b)
(2)
(1. 80)
5
[4x]
(c)
2pF
GRM18
110nH
LQW18A
3X2
P7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com