Electronic Components Datasheet Search
  English  ▼

X  

NSNJ2000 Datasheet(PDF) 1 Page - New Japan Radio

Part # NSNJ2000
Description  PHS-IF f0=265.55MHz BW=0.2MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSNJ2000 Datasheet(HTML) 1 Page - New Japan Radio

  NSNJ2000 Datasheet HTML 1Page - New Japan Radio NSNJ2000 Datasheet HTML 2Page - New Japan Radio NSNJ2000 Datasheet HTML 3Page - New Japan Radio NSNJ2000 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NSNJ2000 Nov-2013
Application
PHS-IF f0=265.55MHz BW=0.2MHz
Electrical Specification: (Table 1)
The device characteristics are measured in the circuit shown in Fig.1.
(Operating Temperature Range : -20~+85ºC)
Maximum Rating: (Table 2)
Mechanical Specifications: (Fig.2)
Package is designed as small as 3.0x3.0x1.15[mm
3] for SMD (Surface Mount Device) type.
Notice:
This part is electrostatic discharge sensitive and may be damaged by improper handling.
http://www.njr.co.jp/products/device/index.html
http://www.njr.com/products/device/index.html
Table 1. Electrical Specifications
Item
Spec.
Typ.
Nominal Center Frequency (f0)
265.55MHz
3dB Band Width (from f0)
±130kHz min.
±275 kHz
Insertion Loss at f0
4.0dB max.
3.2dB
Ripple
f0±100kHz
1.2dB max.
0.8dB
Group Delay Time Ripple
f0±100kHz
1.2usec max.
0.5usec
f0±600kHz
25dB min.
30dB
f0±1.2MHz
40dB min.
60dB
Out of Band Rejection
(Relative to
Through Level)
f0±21.5~21.7MHz
60dB min.
63dB
Table2. Maximum Ratings
Item
Rating
Maximum Input Power
+0dBm
Maximum DC Voltage
7.5V
Operating Temperature Range
-20~+85ºC
Storage Temperature
-30~+85ºC
NewJRC SAW FILTER
NSNJ2000


Similar Part No. - NSNJ2000

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSNJ2004 NJRC-NSNJ2004 Datasheet
166Kb / 4P
428MHz Low Power Transceiver
NSNJ2006 NJRC-NSNJ2006 Datasheet
233Kb / 4P
Low Power Transceiver f0=465MHz BW=6MHz
NSNJ2007 NJRC-NSNJ2007 Datasheet
253Kb / 4P
Low Power Transceiver
More results

Similar Description - NSNJ2000

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP233 SIPAT-SP233 Datasheet
54Kb / 1P
PHS First IF Filters
SP-233 SIPAT-SP-233 Datasheet
38Kb / 1P
PHS First IF Filters
logo
Oscilent Corporation
863-RF243.95M-A OSCILENT-863-RF243.95M-A Datasheet
170Kb / 3P
PHS, IF SAW Filter
802-RF243.95M-C OSCILENT-802-RF243.95M-C Datasheet
199Kb / 6P
PHS, IF SAW Filter
862-RF243.95M-A OSCILENT-862-RF243.95M-A Datasheet
242Kb / 6P
PHS, IF SAW Filter
803-RF243.95M-A OSCILENT-803-RF243.95M-A_14 Datasheet
336Kb / 7P
PHS, IF SAW Filter
803-RF243.95M-B OSCILENT-803-RF243.95M-B_14 Datasheet
186Kb / 4P
PHS, IF SAW Filter
logo
Transko Electronics, In...
TA243AM1 TRANSKO-TA243AM1 Datasheet
501Kb / 5P
PHS, IF SAW Filter
Revision 0: December 2004
TA243BP TRANSKO-TA243BP Datasheet
370Kb / 3P
PHS, IF SAW Filter
Revision 0: January 2006
TA243DM7 TRANSKO-TA243DM7 Datasheet
316Kb / 5P
PHS, IF SAW Filter
Revision 0: August 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com