Electronic Components Datasheet Search
  English  ▼

X  

LM5026SD Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5026SD
Description  Active Clamp Current Mode PWM Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5026SD Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5026SD Datasheet HTML 17Page - Texas Instruments LM5026SD Datasheet HTML 18Page - Texas Instruments LM5026SD Datasheet HTML 19Page - Texas Instruments LM5026SD Datasheet HTML 20Page - Texas Instruments LM5026SD Datasheet HTML 21Page - Texas Instruments LM5026SD Datasheet HTML 22Page - Texas Instruments LM5026SD Datasheet HTML 23Page - Texas Instruments LM5026SD Datasheet HTML 24Page - Texas Instruments LM5026SD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
UVLO
LM5026
VPWR
1.25V
20 PA
Enable
R1
R2
0.4V
Standby
OFF
STANDBY
UVLO
LM5026
VPWR
1.25V
20 PA
Enable Output
Drivers
R1
R2
0.4V
Enable VCC & VREF
Regulators
PWR
1.25
R1
R2
V
1.25
´
=
-
HYS
V
R1
20 A
=
m
LM5026
www.ti.com
SNVS363E – AUGUST 2005 – REVISED NOVEMBER 2015
Application Information (continued)
8.1.3 Undervoltage Lockout (UVLO)
When the UVLO pin voltage is below 0.4 V, the controller is in a low current shutdown mode. When the UVLO
pin voltage is greater than 0.4 V but less than 1.25 V, the controller is in standby mode. When the UVLO pin
voltage is greater than 1.25 V, the controller is fully enabled. Typically, two external resistors program the
minimum operational voltage for the power converter as shown in Figure 26. When UVLO pin voltage is above
the 1.25-V threshold, an internal 20-
μA current source is enabled to raise the voltage at the UVLO pin, thus
providing threshold hysteresis. Resistance values for R1 and R2 can be determined from Equation 6 and
Equation 7:
where
•
VHYS is the desired UVLO hysteresis at VPWR
(6)
.
where
•
VPWR is the desired turnon voltage
(7)
For example, if the LM5026 is to be enabled when VPWR reaches 33 V, and disabled when VPWR is decreased to
30 V, R1 calculates to 150 k
Ω, and R2 calculates to 5.9 kΩ. The voltage at the UVLO pin should not exceed 6 V
at any time. Be sure to check both the power and voltage rating for the selected R1 resistor.
Remote configuration of the controller’s operational modes can be accomplished with open drain device(s)
connected to the UVLO pin as shown in Figure 27.
Figure 26. Basic UVLO Configuration
Figure 27. Remote Standby and Disable Control
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com