Electronic Components Datasheet Search
  English  ▼

X  

LM5026SD Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5026SD
Description  Active Clamp Current Mode PWM Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5026SD Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5026SD Datasheet HTML 9Page - Texas Instruments LM5026SD Datasheet HTML 10Page - Texas Instruments LM5026SD Datasheet HTML 11Page - Texas Instruments LM5026SD Datasheet HTML 12Page - Texas Instruments LM5026SD Datasheet HTML 13Page - Texas Instruments LM5026SD Datasheet HTML 14Page - Texas Instruments LM5026SD Datasheet HTML 15Page - Texas Instruments LM5026SD Datasheet HTML 16Page - Texas Instruments LM5026SD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
PWM
VCC
OUT_A
PGND
LM5026
OUT_A
OUT_B
OUT_A
OUT_B
K1 * RSET
N-Channel Active Clamp
(RSET to REF)
P-Channel Active Clamp
(RSET to GND)
K2 * RSET
K1 * RSET
K2 * RSET
LM5026
www.ti.com
SNVS363E – AUGUST 2005 – REVISED NOVEMBER 2015
Feature Description (continued)
Figure 14. PWM Output Phasing / Timing
The rising edge overlap or deadtime and the falling edge overlap or deadtime are identical and are independent
of operating frequency or duty cycle. The magnitude of the overlap/deadtime can be calculated in Equation 1 and
Equation 2:
Overlap Time = 2.8 × RSET + 2
where
•
RSET in kΩ
•
overlap is in ns
(1)
.
Deadtime = 2.9 × RSET + 14
where
•
RSET in kΩ
•
deadtime is in ns
(2)
7.3.4 Gate Driver Outputs
The LM5026 provides two-gate driver outputs, the main power switch control (OUT_A) and the active clamp
switch control (OUT_B). The main gate driver features a compound configuration, consisting of both MOS and
bipolar devices, which provide superior gate drive characteristics. The bipolar device provides most of the drive
current capability and sinks a relatively constant current, which is ideal for driving large-power MOSFETs. As the
switching event nears conclusion and the bipolar device saturates, the internal MOS device provides a low
impedance to compete the switching event.
During turnoff at the Miller plateau region, typically between 2 V to 4 V, the voltage differential between the
output and PGND is small and the current source characteristic of the bipolar device is beneficial to reduce the
transition time. During turnon, the resistive characteristics of a purely MOS gate driver is adequate since the
supply to output voltage differential is fairly large in the Miller region.
Figure 15. Compound Gate Driver
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com