Electronic Components Datasheet Search
  English  ▼

X  

MASW-011041 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011041
Description  Switch, SP3T 200 W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011041 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-011041 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011041 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011041 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011041 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011041 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Switch, SP3T 200 W
0.05 - 1.0 GHz
MASW-011041
Rev. V1
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, PIN = 0 dBm (unless otherwise defined), Z0 = 50 Ω
Bias4 = 5 V / 400 mA, 3 V / 200 mA, 100 V / 25 mA
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
RFC - RF1 & RFC - RF3
0.5 GHz
1.0 GHz
dB
—
0.30
0.40
—
0.60
Insertion Loss
RFC - RF2
0.5 GHz
1.0 GHz
dB
—
0.25
0.40
—
0.55
Isolation
RFC - RF1 & RFC - RF3
0.5 GHz
1.0 GHz
dB
—
40
51
45
—
Isolation
RFC - RF2
0.5 GHz
1.0 GHz
dB
—
45
56
52
—
Input Return Loss
RFC - RF1 & RFC - RF3
PIN = 0 dBm
dB
—
>14
—
Input Return Loss
RFC - RF2
PIN = 0 dBm
dB
—
>21
—
CW Input Power
RFC - RF1 & RFC - RF3
85°C base plate,
550 MHz
950 MHz
dBm / W
—
53 / 200
52 / 158
—
CW Input Power
RFC - RF2
85°C base plate,
550 MHz
950 MHz
dBm / W
—
50 / 100
49 / 80
—
P0.1dB
RFC - RF1 & RFC - RF3
85°C base plate,
550 MHz
950 MHz
dBm
—
54
53
—
P0.1dB
RFC - RF2
85°C base plate,
550 MHz
950 MHz
dBm
—
51
50
—
2nd Harmonics
PIN = 49 dBm, F = 950 MHz
dBc
—
-75
—
3rd Harmonics
PIN = 49 dBm, F = 950 MHz
dBc
—
-85
—
TON, TOFF
(50% CTL - 90% RF and 10% RF)
1 MHz Rep Rate in Modulating Mode
µs
—
3.5
—
TRISE, TFALL
(10-90% RF Voltage)
1 MHz Rep Rate in Modulating Mode
µs
—
0.8
—
4. See Bias table.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com