Electronic Components Datasheet Search
  English  ▼

X  

MASW-011041 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011041
Description  Switch, SP3T 200 W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011041 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-011041 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011041 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011041 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011041 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011041 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Switch, SP3T 200 W
0.05 - 1.0 GHz
MASW-011041
Rev. V1
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
5. DC reverse bias of a PIN diode operating at a high power is dependent on RF frequency, incident power, and VSWR. See Minimum
Reverse DC Voltage table for high power operation.
RF State
V1 Bias
(V)
V2 Bias
(V)
V3 Bias
(V)
V4 Bias
(V)
B1 Bias
(V)
B2 Bias
(V)
B3 Bias
(V)
RFC - RF1 Low Loss
RFC - RF2 Isolation
RFC - RF3 Isolation
0 V @
400 mA
100 V @
25 mA
100 V @
25 mA
5 V @
400 mA
100 V @
0 mA
0 V @
25 mA
0 V @
25 mA
RFC - RF2 Low Loss
RFC - RF1 Isolation
RFC - RF3 Isolation
100 V @
25 mA
0 V @
200 mA
100 V @
25 mA
3 V @
200 mA
0 V @
25 mA
100 V @
0 mA
0 V @
25 mA
RFC - RF3 Low Loss
RFC - RF1 Isolation
RFC - RF2 Isolation
100 V @
25 mA
100 V @
25 mA
0 V @
400 mA
5 V @
400 mA
0 V @
25 mA
0 V @
25 mA
100 V @
0 mA
Bias Table5
Absolute Maximum Ratings6,7
Parameter
Absolute Maximum
Forward Current
+400 mA
Reverse DC Voltage
| -150 V |
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +150°C
Junction Temperature
+175°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. MACOM does not recommend sustained operation near these
survivability limits.
Minimum Reverse DC Voltage8
Frequency (MHz)
Minimum Reverse
DC Voltage
50
| -142 V |
100
| -102 V |
200
| -60 V |
500
| -26 V |
1000
| -13 V |
8. Required to maintain low loss under 200 W of incident power
with 1.5:1 VSWR.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com