Electronic Components Datasheet Search
  English  ▼

X  

ADC0800 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0800
Description  ADC0800 8-Bit A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0800 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC0800 Datasheet HTML 2Page - National Semiconductor (TI) ADC0800 Datasheet HTML 3Page - National Semiconductor (TI) ADC0800 Datasheet HTML 4Page - National Semiconductor (TI) ADC0800 Datasheet HTML 5Page - National Semiconductor (TI) ADC0800 Datasheet HTML 6Page - National Semiconductor (TI) ADC0800 Datasheet HTML 7Page - National Semiconductor (TI) ADC0800 Datasheet HTML 8Page - National Semiconductor (TI) ADC0800 Datasheet HTML 9Page - National Semiconductor (TI) ADC0800 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Applications (Continued)
TESTING THE AD CONVERTER
There are many degrees of complexity associated with test-
ing an AD converter One of the simplest tests is to apply a
known analog input voltage to the converter and use LEDs
to display the resulting digital output code as shown in
Fig-
ure 3 Note that the LED drivers invert the digital output of
the AD converter to provide a binary display A lab DVM
can be used if a precision voltage source is not available
After adjusting the zero and full-scale any number of points
can be checked as desired
For ease of testing a 1024 VDC reference is recommended
for the AD converter This provides an LSB of 40 mV
(10240256) To adjust the zero of the AD an analog input
voltage of
LSB or 20 mV should be applied and the
zero adjust potentiometer should be set to provide a flicker
on the LSB LED readout with all the other display LEDs
OFF
To adjust the full-scale adjust potentiometer an analog in-
put that is 1
LSB less than the reference (10240 – 0060
or 10180 VDC) should be applied to the analog input and
the full-scale adjusted for a flicker on the LSB LED but this
time with all the other LEDs ON
A complete circuit for a simple AD tester is shown in
Figure
4 Note that the clock input voltage swing and the digital
output voltage swings are from 0V to 1024V
The
MM74C901 provides a voltage translation to 5V operation
and also the logic inversion so the readout LEDs are in bina-
ry
TLH5670 – 15
FIGURE 3 Basic AD Tester
TLH5670 – 7
FIGURE 4 Complete Basic Tester Circuit
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com