Electronic Components Datasheet Search
  English  ▼

X  

ADC0800 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0800
Description  ADC0800 8-Bit A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0800 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC0800 Datasheet HTML 2Page - National Semiconductor (TI) ADC0800 Datasheet HTML 3Page - National Semiconductor (TI) ADC0800 Datasheet HTML 4Page - National Semiconductor (TI) ADC0800 Datasheet HTML 5Page - National Semiconductor (TI) ADC0800 Datasheet HTML 6Page - National Semiconductor (TI) ADC0800 Datasheet HTML 7Page - National Semiconductor (TI) ADC0800 Datasheet HTML 8Page - National Semiconductor (TI) ADC0800 Datasheet HTML 9Page - National Semiconductor (TI) ADC0800 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Typical Applications (Continued)
The digital output LED display can be decoded by dividing
the 8 bits into the 4 most significant bits and 4 least signifi-
cant bits Table I shows the fractional binary equivalent of
these two 8-bit groups By adding the decoded voltages
which are obtained from the column ‘‘Input Voltage Value
with a 10240 VREF’’ of both the MS and LS groups the
value of the digital display can be determined For example
for an output LED display of ‘‘1011 0110’’ or ‘‘B6’’ (in hex)
the voltage values from the table are 704 a 024 or
7280 VDC These voltage values represent the center val-
ues of a perfect AD converter The input voltage has to
change by g
LSB (g20 mV) the ‘‘quantization uncertain-
ty’’ of an AD to obtain an output digital code change The
effects of this quantization error have to be accounted for in
the interpretation of the test results A plot of this natural
error source is shown in
Figure 5 where for clarity both the
analog input voltage and the error voltage are normalized to
LSBs
TABLE I DECODING THE DIGITAL OUTPUT LEDs
INPUT VOLTAGE
FRACTIONAL BINARY VALUE FOR
VALUE WITH
HEX
BINARY
1024 VREF
MS GROUP
LS GROUP
MS GROUP
LS GROUP
F
1
1
1
1
1516
15256
9600
0600
E
1
1
1
0
78
7128
8960
0560
D
1
1
0
1
1316
13256
8320
0520
C
1
1
0
0
34
364
7680
0480
B
1
0
1
1
1116
11256
7040
0440
A
1
0
1
0
58
5128
6400
0400
9
1
0
0
1
916
9256
5760
0360
8
1
0
0
0
12
132
5120
0320
7
0
1
1
1
716
7256
4480
0280
6
0
1
1
0
38
3128
3840
0240
5
0
1
0
1
516
5256
3200
0200
4
0
1
0
0
14
164
2560
0160
3
0
0
1
1
316
3256
1920
0120
2
0
0
1
0
18
1128
1280
0080
1
0
0
0
1
116
1256
0640
0040
00
0
0
0
00
TLH5670 – 8
FIGURE 5 Error Plot of a Perfect AD Showing Effects of Quantization Error
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com