Electronic Components Datasheet Search
  English  ▼

X  

LP3992 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3992
Description  Micropower 1.5-V CMOS Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3992 Datasheet(HTML) 5 Page - Texas Instruments

  LP3992 Datasheet HTML 1Page - Texas Instruments LP3992 Datasheet HTML 2Page - Texas Instruments LP3992 Datasheet HTML 3Page - Texas Instruments LP3992 Datasheet HTML 4Page - Texas Instruments LP3992 Datasheet HTML 5Page - Texas Instruments LP3992 Datasheet HTML 6Page - Texas Instruments LP3992 Datasheet HTML 7Page - Texas Instruments LP3992 Datasheet HTML 8Page - Texas Instruments LP3992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LP3992
www.ti.com
SNVS192C – OCTOBER 2002 – REVISED NOVEMBER 2015
6.5 Electrical Characteristics
Unless otherwise noted, VEN = 1.15, VIN = VOUT + 1 V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF; typical values and limits apply for
TJ = 25°C, and minimum and maximum limits apply over the full temperature range for operation, −40°C to +125°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
TJ = 25°C
1.9
5.2
mV
Output voltage tolerance
Over full line and load regulation.
–90
90
mV
VIN = (VOUT(NOM) + 1 V) to 5.2 V,
ΔVOUT
Line regulation error
–0.27
0.27
%/V
IOUT = 1 mA
Load regulation error
IOUT = 1 mA to 30 mA
100
220
µV/mA
ILOAD
Load current
See(2) and (3)
0
µA
VEN = 1.15 V, IOUT = 0 mA
26
50
IQ
Quiescent current
VEN = 1.15 V, IOUT = 30 mA
29
50
µA
VEN = 0.4 V
0.003
1.5
ISC
Short-circuit current limit
See(4)
90
mA
ƒ = 1 kHz, IOUT = 30 mA
40
PSRR
Power Supply Rejection Ratio
dB
ƒ = 20 kHz, IOUT = 30 mA
30
EEN
Output noise voltage(3)
BW = 10 Hz to 100 kHz, VIN = 4.2 V
300
µVRMS
Thermal shutdown temperature
160
TSHUTDOWN
°C
Thermal shutdown hysteresis
20
ENABLE CONTROL CHARACTERISTICS
Maximum input current at EN
IEN
VEN = 0 V and VIN = 5.2 V
0.001
µA
input
VIL
Low input threshold
VIN = 1.8 V to 5.2 V
0.4
V
VIH
High input threshold
VIN = 1.8 V to 5.2 V
1.15
V
Line transient response |
δVOUT|
Trise = Tfall = 10 µS
(3)
60
Transient
mV
Trise = Tfall = 1 µS
response
Load transient response |
δVOUT|
60
IOUT = 100 µA to 5 mA
(3)
(1)
All limits are ensured. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or correlated
using Statistical Quality Control methods. Operation over the temperature specification is specified by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
The device maintains the regulated output voltage without the load.
(3)
This electrical specification is specified by design.
(4)
Short-circuit current is measured on the input supply line at the point when the short-circuit condition reduces the output voltage to 95%
of its nominal value.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
tON1
Turnon time(1), 50% to 85% of VOUT(NOM)
(2)
15
µs
tON2
Turnon time(1) to 95% level(3)
40
µs
tOFF1
Turnoff time(1), 85% to 50% of VOUT(NOM)
(4)
µs
tOFF2
Turnoff time(1), 95% to 5% level(5)
40
15
µs
(1)
This electrical specification is ensured by design.
(2)
Time for VOUT to rise from 50% to 85% of VOUT(NOM) (Figure 1).
(3)
Time from VEN = 1.15 V to VOUT = 95% (VOUT(NOM)) (Figure 1).
(4)
Time for VOUT to fall from 85% to 50% of VOUT(NOM) (Figure 1).
(5)
Time from VEN = 0.4 V to VOUT = 5% (VOUT(NOM) (Figure 1).
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com