Electronic Components Datasheet Search
  English  ▼

X  

TPS60140 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60140
Description  Low Power DC-DC Converter Regulated
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60140 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60140 Datasheet HTML 4Page - Texas Instruments TPS60140 Datasheet HTML 5Page - Texas Instruments TPS60140 Datasheet HTML 6Page - Texas Instruments TPS60140 Datasheet HTML 7Page - Texas Instruments TPS60140 Datasheet HTML 8Page - Texas Instruments TPS60140 Datasheet HTML 9Page - Texas Instruments TPS60140 Datasheet HTML 10Page - Texas Instruments TPS60140 Datasheet HTML 11Page - Texas Instruments TPS60140 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Charge Pump
Power Stage
C1
C1−
C1+
IN
PGND
C2
C2−
C2+
IN
OUT
PGND
Oscillator
Control
Circuit
ENABLE
Shutdown/
Start-up Control
_
+
+
−
VREF
_
+
+
−
0.8 × VI
FB
_
+
+
−
VREF
PG
TPS60141
GND
TPS60140, TPS60141
SLVS273A – FEBRUARY 2000 – REVISED NOVEMBER 2015
www.ti.com
Functional Block Diagrams (continued)
Figure 4. TPS60141 Functional Block Diagram
9.3 Feature Description
9.3.1 Undervoltage Lockout
The TPS6014x devices have an undervoltage lockout feature that deactivates the device and places it in
shutdown mode when the input voltage falls below 1.6 V.
9.3.2 Low-Battery Detector (TPS60140 Only)
The internal low-battery comparator trips at 1.21 V ± 5% when the voltage on pin LBI ramps down. The voltage
V(TRIP) at which the low battery warning is issued can be adjusted with a resistive divider as shown in Figure 5. TI
recommends that the sum of resistors R1 and R2 to be in the 100-k
Ω to 1-MΩ range. When choosing R1 and
R2, be aware of the input leakage current into the LBI terminal.
LBO is an open-drain output. TI recommends an external pullup resistor to OUT, in the 100-k
Ω to 1-MΩ range.
During start-up, the LBO output signal is invalid for the first 500 µs. LBO is high impedance when the device is
disabled. If the low-battery comparator function is not used, connect LBI to ground and leave LBO unconnected.
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS60140 TPS60141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com