Electronic Components Datasheet Search
  English  ▼

X  

TPS60140 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60140
Description  Low Power DC-DC Converter Regulated
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60140 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60140 Datasheet HTML 9Page - Texas Instruments TPS60140 Datasheet HTML 10Page - Texas Instruments TPS60140 Datasheet HTML 11Page - Texas Instruments TPS60140 Datasheet HTML 12Page - Texas Instruments TPS60140 Datasheet HTML 13Page - Texas Instruments TPS60140 Datasheet HTML 14Page - Texas Instruments TPS60140 Datasheet HTML 15Page - Texas Instruments TPS60140 Datasheet HTML 16Page - Texas Instruments TPS60140 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
4.85
4.90
5.15
5.25
5.20
5.10
5.05
4.95
5.00
0
50
5
45
40
35
30
25
10
15
20
t − Time − µs
VI = 2.4 V
IO = 10 mA
4.85
4.90
5.15
5.25
5.20
5.10
5.05
4.95
5.00
0
500
50
450
400
350
300
250
100 150 200
t − Time − µs
VI = 2.4 V
IO = 1 mA
4.80
4.85
4.90
4.95
5.00
5.05
5.10
IO − Output Current − mA
VI = 2.4 V
0.1
10
100
1000
1
VI = 3.6 V
VI = 2.7 V
VI = 1.8 V
VI − Input Voltage − V
4.80
4.85
4.90
4.95
5.00
5.05
5.10
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
IO = 1 mA
IO = 50 mA
IO = 100 mA
30
40
50
60
70
80
90
IO − Output Current − mA
VI = 2.0 V
0.1
10
100
1000
1
VI = 2.4 V
VI = 2.7 V
VI − Input Voltage − V
40
50
60
70
80
90
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
IO = 50 mA
TPS60140, TPS60141
www.ti.com
SLVS273A – FEBRUARY 2000 – REVISED NOVEMBER 2015
10.2.3 Application Curves
Figure 7. Efficiency vs Output Current
Figure 8. Efficiency vs Input Voltage
Figure 9. Output Voltage vs Output Current
Figure 10. Output Voltage vs Input Voltage
Figure 11. Output Voltage Ripple
Figure 12. Output Voltage Ripple
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS60140 TPS60141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com