Electronic Components Datasheet Search
  English  ▼

X  

TPS74201 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74201
Description  Ultra-LDO With Programmable Soft-Start
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74201 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS74201 Datasheet HTML 17Page - Texas Instruments TPS74201 Datasheet HTML 18Page - Texas Instruments TPS74201 Datasheet HTML 19Page - Texas Instruments TPS74201 Datasheet HTML 20Page - Texas Instruments TPS74201 Datasheet HTML 21Page - Texas Instruments TPS74201 Datasheet HTML 22Page - Texas Instruments TPS74201 Datasheet HTML 23Page - Texas Instruments TPS74201 Datasheet HTML 24Page - Texas Instruments TPS74201 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Y
Y
JT
J
T
JT
D
:T =T +
P
·
Y
Y
JB
J
B
JB
D
:T =T +
P
·
TPS74201
www.ti.com
SBVS064M – DECEMBER 2005 – REVISED OCTOBER 2015
Thermal Protection (continued)
Activation of the thermal protection circuit indicates excessive power dissipation or inadequate heatsinking. For
reliable operation, junction temperature should be limited to 125°C maximum. To estimate the margin of safety in
a complete design (including heatsink), increase the ambient temperature until thermal protection is triggered;
use worst-case loads and signal conditions. For good reliability, thermal protection should trigger at least 40°C
above the maximum expected ambient condition of the application. This condition produces a worst-case junction
temperature of 125°C at the highest expected ambient temperature and worst-case load.
The internal protection circuitry of the TPS742 devices is designed to protect against overload conditions. It is not
intended to replace proper heatsinking. Continuously running the TPS742 devices into thermal shutdown
degrades device reliability.
10.4 Thermal Considerations
Using the thermal metrics
ΨJT and ΨJB, shown in Thermal Information, the junction temperature can be
estimated with corresponding formulas (given in Equation 6). For backwards compatibility, an older θJC,Top
parameter is listed as well.
where
•
PD is the power dissipation given by PD = (VIN – VOUT) × IOUT
•
TT is the temperature at the center-top of the IC package
•
TB is the PCB temperature measured 1mm away from the IC package on the PCB surface (as Figure 33
shows).
(6)
NOTE
Both TT and TB can be measured on actual application boards using a thermo-gun (an
infrared thermometer).
For more information about measuring TT and TB, see the application note Using New Thermal Metrics
(SBVA025), available for download at www.ti.com.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS74201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com