Electronic Components Datasheet Search
  English  ▼

X  

TPS74201 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74201
Description  Ultra-LDO With Programmable Soft-Start
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74201 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS74201 Datasheet HTML 9Page - Texas Instruments TPS74201 Datasheet HTML 10Page - Texas Instruments TPS74201 Datasheet HTML 11Page - Texas Instruments TPS74201 Datasheet HTML 12Page - Texas Instruments TPS74201 Datasheet HTML 13Page - Texas Instruments TPS74201 Datasheet HTML 14Page - Texas Instruments TPS74201 Datasheet HTML 15Page - Texas Instruments TPS74201 Datasheet HTML 16Page - Texas Instruments TPS74201 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TPS74201
www.ti.com
SBVS064M – DECEMBER 2005 – REVISED OCTOBER 2015
Device Functional Modes (continued)
7.4.3 Disabled
The device is disabled under the following conditions:
•
The input or bias voltages are below the respective minimum specifications.
•
The enable voltage is less than the enable falling threshold voltage or has not yet exceeded the enable rising
threshold.
•
The device junction temperature is greater than the thermal shutdown temperature.
Table 1 shows the conditions that lead to the different modes of operation.
Table 1. Device Functional Mode Comparison
PARAMETER
OPERATING MODE
VIN
VEN
VBIAS
IOUT
TJ
Normal mode
VIN > VOUT(nom) + VDO (VIN)
VEN > VEN(high)
VBIAS ≥ VOUT + 1.4 V
I OUT < ICL
T J < 125°C
Dropout mode
VIN < VOUT(nom) + VDO (VIN)
VEN > VEN(high)
VBIAS < VOUT + 1.4 V
—
TJ < 125°C
Disabled mode
(any true condition disables
VIN < VIN(min)
VEN < VEN(low)
VBIAS < VBIAS(min)
—
TJ > 155°C
the device)
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS74201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com