Electronic Components Datasheet Search
  English  ▼

X  

TPS60140PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60140PWPR
Description  Low Power DC-DC Converter Regulated
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60140PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60140PWPR Datasheet HTML 3Page - Texas Instruments TPS60140PWPR Datasheet HTML 4Page - Texas Instruments TPS60140PWPR Datasheet HTML 5Page - Texas Instruments TPS60140PWPR Datasheet HTML 6Page - Texas Instruments TPS60140PWPR Datasheet HTML 7Page - Texas Instruments TPS60140PWPR Datasheet HTML 8Page - Texas Instruments TPS60140PWPR Datasheet HTML 9Page - Texas Instruments TPS60140PWPR Datasheet HTML 10Page - Texas Instruments TPS60140PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Charge Pump
Power Stage
C1
C1−
C1+
IN
PGND
C2
C2−
C2+
IN
OUT
PGND
Oscillator
Control
Circuit
ENABLE
Shutdown/
Start-up Control
_
+
+
−
VREF
_
+
+
−
0.8 × VI
GND
FB
_
+
+
−
VREF
LBI
LBO
TPS60140
TPS60140, TPS60141
www.ti.com
SLVS273A – FEBRUARY 2000 – REVISED NOVEMBER 2015
9 Detailed Description
9.1 Overview
The TPS6014x devices regulate the output voltage using an improved pulse-skip topology. In pulse-skip mode
the error amplifier disables switching of the power stages when it detects an output voltage higher than 5 V. The
oscillator halts and the controller skips switching cycles. The error amplifier reactivates the oscillator and starts
switching of the power stages again when the output voltage drops below 5 V. The output resistance of the
charge pump is controlled to improve the ripple performance. This limits the output current to the minimum that is
necessary to sustain a regulated output voltage. The benefit is that the ripple performance is nearly as good as
with a linear-regulation topology.
At light loads a conventional pulse-skip regulation mode is used, but the charge pump output resistance is held
at a high level. The pulse-skip regulation minimizes the operating current because the charge pump does not
switch continuously and hence the gate-charge losses of the MOSFETs are reduced. Additionally, all functions
except voltage reference, error amplifier, and low-battery or power-good comparator are deactivated when the
output is higher than 5 V. When switching is disabled by the error amplifier, the load is also isolated from the
input. This improved pulse-skip control topology is also referred to as active-cycle control.
9.2 Functional Block Diagrams
Figure 3. TPS60140 Functional Block Diagram
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS60140 TPS60141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com