Electronic Components Datasheet Search
  English  ▼

X  

TPS60140PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60140PWPR
Description  Low Power DC-DC Converter Regulated
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60140PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS60140PWPR Datasheet HTML 1Page - Texas Instruments TPS60140PWPR Datasheet HTML 2Page - Texas Instruments TPS60140PWPR Datasheet HTML 3Page - Texas Instruments TPS60140PWPR Datasheet HTML 4Page - Texas Instruments TPS60140PWPR Datasheet HTML 5Page - Texas Instruments TPS60140PWPR Datasheet HTML 6Page - Texas Instruments TPS60140PWPR Datasheet HTML 7Page - Texas Instruments TPS60140PWPR Datasheet HTML 8Page - Texas Instruments TPS60140PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
30
40
50
60
70
80
90
IO − Output Current − mA
VI = 2.0 V
0.1
10
100
1000
1
VI = 2.4 V
VI = 2.7 V
IN
OUT
TPS60140
IN
FB
LBI
LBO
Low
Battery
Warning
Output
5 V, 100 mA
Co
10 µF
R3
R1
R2
C2+
C2−
C2
2.2 µF
C1+
C1−
C1
2.2 µF
NC
ENABLE
PGND
GND
OFF/ON
Ci
4.7 µF
Input
1.8 V to 3.6 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS60140, TPS60141
SLVS273A – FEBRUARY 2000 – REVISED NOVEMBER 2015
TPS6014x Low Power DC-DC Converter Regulated 5-V,
100-mA Charge Pump Voltage Tripler
1 Features
3 Description
The TPS6014x step-up, regulated charge pumps
1
•
Regulated 5 V ±4% Output Voltage
generate a 5-V ±4% output voltage from a 1.8-V to
•
Up to 100-mA Output Current
3.6-V input voltage range. The devices are typically
•
1.8-V to 3.6-V Input Voltage Range
powered by two alkaline, NiCd, or NiMH battery cells
and provide an output current of minimum 100 mA
•
65-µA Quiescent Supply Current
from a 2-V input. Only four external capacitors are
•
0.05-µA Shutdown Current, Battery Is Isolated
needed to build a complete voltage tripler charge
From Load in Shutdown
pump.
•
Integrated Low-Battery or Power-Good Indicator
The devices regulate the output by using the pulse-
•
Low-Output Voltage Ripple Over Complete Output
skip topology. The controller is optimized for lowest
Current Range
output voltage ripple over the complete output current
•
Easy-to-Design With Low-EMI Power Supply
range. The output peak current and therefore the
output
voltage
ripple
are
drastically
reduced
Because No Inductors Are Required
compared to a conventional pulse-skip topology by
•
Evaluation Module Available (TPS60140EVM-144)
regulating the charge pump output resistance. At light
•
Available in a 6.5-mm × 4.4-mm 20-Pin HTSSOP
loads the maximum output resistance is limited to
Package
assure a low quiescent current.
The TPS60140 includes a low-battery comparator
2 Applications
that issues a warning if the battery voltage drops
•
Replacement of DC-DC Converters With Inductors
below
a
user-adjustable
threshold
voltage.
The
in Battery-Powered Applications:
TPS60141 features a power-good output that goes
active when the output voltage reaches 90% of its
–
Two Battery Cells to 5-V Conversions
nominal value.
–
Portable Instruments
–
Miniature Equipment
Device Information(1)
–
Backup-Battery Boost Converters
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6014x
HTSSOP (20)
6.50 mm × 4.40 mm
–
Medical Instruments
–
5-V Smart Card Supplies
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS60140PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60140PWP TI-TPS60140PWP Datasheet
476Kb / 18P
LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
More results

Similar Description - TPS60140PWPR

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
Regulated DC Converter
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com