Electronic Components Datasheet Search
  English  ▼

X  

PI6C10807 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C10807
Description  1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10807 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C10807 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8862L
05/01/09
Pin Description
Pin Name
Description
BUF_IN
Input
CLK [0:9]
Outputs
GND
Ground
VDD
Power
Pin Configuration
1
2
3
4
516
615
714
813
20
19
18
17
BUF_IN
GND
CLK0
VDD
CLK1
GND
CLK2
VDD
CLK3
GND
VDD
CLK9
CLK8
GND
CLK7
VDD
CLK6
GND
CLK5
CLK4
9
10
11
12
Block Diagram
Features
• High-speed, low-noise, non-inverting 1-10 buffer
• Maximum Frequency up to 250 MHz
• Low output skew < 60ps
• Low duty cycle distortion < 200ps
• Low propagation delay < 2.0ns
• Multiple VDD, GND pins for noise reduction
• 1.8V or 2.5V supply voltage
• Packages (Pb-free & Green):
▫20-pin, TSSOP (L20)
▫20-pin, SSOP (H20)
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10807
Description
The PI6C10807 is a 1.8V, or 2.5V high-speed, low-noise
1-10 non-inverting clock buffer. The key goal in designing the
PI6C10807 is to target networking applications that require low-
skew, low-jitter, and high-frequency clock distribution.
Providing output-to-output skew as low as 60ps, the PI6C10807
is an ideal clock distribution device for synchronous systems. De-
signing synchronous networking systems requires a tight level of
skew from a large number of outputs.
09-0084


Similar Part No. - PI6C10807

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804 Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
More results

Similar Description - PI6C10807

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10806 PERICOM-PI6C10806 Datasheet
445Kb / 7P
1.8V/2.5V, 250MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804_09 Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com