Electronic Components Datasheet Search
  English  ▼

X  

PI6C10807 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C10807
Description  1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10807 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C10807 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PS8862L
05/01/09
PI6C10807
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
1.8V AC Characteristics (Over Operating Range: VDD = 1.8V ± 0.15V, TA = -40° to 85°C)
Parameters
Description
Test Conditions
(1)
Min.
Typ
Max.
Units
FIN
Input Frequency
0
180
MHz
tR/tF
CLKn Rise/Fall Time
20% to 80%
1.0
ns
tSK(P)3. 5
Pulse Skew between opposite transitions
(tPHL-tPLH) of the same output
Vin > VDD
CL = 5pF, 125 MHz
100
200
ps
tPLH, tPHL2, 5
Propagation Delay BUF_IN to CLKn
CL = 5pF, 125 MHz
1.0
1.5
2.0
ns
tSK(O)3, 5
Output to Output Skew between any two
outputs of the same device @ same transition
60
ps
tSK(T)3, 5
Part to Part Skew between two identical out-
puts of different parts on the same board4
300
tdc_in 5
Duty Cycle In @ Ins edge rate
45
55
%
tdc_out 5
Duty Cycle Out
40
57.5
Notes:
1. See test circuit and waveforms
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew measured at worst case temperature (max. temp).
4. Identical conditions: loading, transitions, supply voltage, temperature, package type and speed grade..
5. Outputs are measured at VDD/2
Storage Temperature...........................................................–65°C to +150°C
VDD Voltage ..........................................................................–0.5V to +2.5V
Output Voltage (max 2.5V) .......................................... –0.5V to VDD+0.5V
Input Voltage (max 2.5V) ............................................. –0.5V to VDD+0.5V
1.8V Absolute Maximum Ratings (Above which the useful life may be impaired. For user guidelines only, not tested.)
Note: Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
1.8V DC Characteristics (Over Operating Range: VDD = 1.8V ± 0.15V, TA = -40° to 85°C)
Parameters
Description
Test Conditions(1)
Min.
Typ. (2)
Max.
Units
VDD
Supply Voltage
1.65
1.8
1.95
VIH
Input HIGH Voltage
Logic HIGH level
1.1
2.7
V
VIL
Input LOW Voltage
Logic LOW level
-0.3
0.35*VDD
II
Input Current(3)
VDD = Max,
Vin = VDD or GND
15
μA
VOH
Output High Voltage
VDD = Min., VIN = VIH or VIL
IOH = -2mA
1.35
V
IOH = -8mA
1.2
VOL
Output LOW Voltage
VDD = Min., VIN - VIH or VIL
IOL = 2mA
0.1
IOL = -8mA
0.2
Notes:
1. For Max. or Min. conditions, use appropriate operating VDD and Ta values.
2. Typical values are at VDD = 1.8V, +25°C ambient and maximum loading.
3.
This parameter is determined by device characterization but is not production tested.
09-0084



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com