Electronic Components Datasheet Search
  English  ▼

X  

HMC326MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC326MS8
Description  GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC326MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC326MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
8 - 101
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC326MS8G
v04.1203
Outline Drawing
Absolute Maximum Ratings
GaAs InGaP HBT MMIC DRIVER
AMPLIFIER, 3.0 - 4.5 GHz
NOTES:
1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED
PLASTIC SILICA AND SILICON IMPREGNATED.
2. LEADFRAME MATERIAL: COPPER ALLOY
3. LEADFRAME PLATING: Sn/Pb SOLDER
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
Collector Bias Voltage (Vcc)
+5.5 Vdc
Control Voltage Range (Vpd)
+5.5 Vdc
RF Input Power (RFin)(Vs = Vpd = +5.0 Vdc)
+20 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 11.49 mW/°C above 85 °C)
0.747 W
Thermal Resistance
(junction to ground paddle)
87 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com