Electronic Components Datasheet Search
  English  ▼

X  

HMC326MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC326MS8
Description  GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC326MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC326MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC326MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
8 - 99
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC326MS8G
P1dB vs. Temperature
Psat vs. Temperature
v04.1203
Broadband Gain & Return Loss
Gain vs. Temperature
Output IP3 vs. Temperature
GaAs InGaP HBT MMIC DRIVER
AMPLIFIER, 3.0 - 4.5 GHz
-20
-15
-10
-5
0
5
10
15
20
25
2
2.5
3
3.5
4
4.5
5
5.5
6
S21
S11
S22
FREQUENCY (GHz)
16
18
20
22
24
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
20
22
24
26
28
30
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
20
22
24
26
28
30
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
30
32
34
36
38
40
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
45
-8
-6
-4
-2
0
2468
10
12
Output Power (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
Power Compression @ 3.5 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com