Electronic Components Datasheet Search
  English  ▼

X  

PI6C49018 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C49018
Description  Low Power Networking Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49018 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C49018 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.pericom.com
PI6C49018
Rev. A
12/10/2014
PI6C49018
Block Diagram
Description
The PI6C49018 is a clock generator device intended for PCI-
Express/networking applications. The device includes four 100
MHz differential outputs for PCI-Express with low power HCSL
structure, one CMOS 125 MHz output, and one CMOS 66.66
MHz, and one CMOS 80 MHz output with spread spectrum.
Using a serially programmable SMBus interface, the PI6C49018
incorporates spread spectrum modulation on the four 100 MHz
PCI-Express outputs with -0.5% down spread and the 80 MHz
output with selectable down spread.
Low Power Networking Clock Generator
Features
Î
Î
25 MHz crystal or clock input
Î
Î
Four differential 100 MHz PCI-Express clock outputs – Low
power HCSL
Î
Î
Spread spectrum capability on all 100 MHz PCI-e clock
outputs with -0.5% down spread
Î
Î
One single-ended 66.66 MHz output
Î
Î
One single-ended 125 MHz output for Gigabit Ethernet at
2.5V
Î
Î
One single-ended 80 MHz output with selectable down
spread
Î
Î
40-pin TQFN package
Î
Î
Operating voltage 3.3 V ±5%
Î
Î
Industrial temperature (-40 to +85°C)
14-0209


Similar Part No. - PI6C49018

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
PI6C49014LIE PERICOM-PI6C49014LIE Datasheet
1,016Kb / 12P
Networking Clock Generator
PI6C49015 PERICOM-PI6C49015 Datasheet
958Kb / 10P
Embedded Clock Generator
PI6C49015LIE PERICOM-PI6C49015LIE Datasheet
958Kb / 10P
Embedded Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
More results

Similar Description - PI6C49018

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
2-Output LVDS Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
4-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com