Electronic Components Datasheet Search
  English  ▼

X  

PI6C49018 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C49018
Description  Low Power Networking Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49018 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C49018 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49018 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.pericom.com
PI6C49018
Rev. A
12/10/2014
PI6C49018
Low Power Networking Clock Generator
Pin Configuration
Pin#
Pin Name
Pin Type
Pin Description
1
VDD
Power
3.3V Supply Pin
2
GND
Power
Ground
3
VDD
Power
3.3V Supply Pin
4
PCIE3N
Output
Differential 100 MHz PCI Express Clock output
5
PCIE3
Output
Differential 100 MHz PCI Express Clock output
6
GND
Power
Ground
7
VDD
Power
3.3V Supply Pin
8
SCLK
Input
SMBus clock input
9
SDATA
I/O
SMBus data input
10
GND
Power
Ground
11
80M
Output
80 MHz LVCMOS output. Tri-state with weak pull-
down when disabled
12
VDD
Power
3.3V Supply Pin
13
VDD
Power
3.3V Supply Pin
14
GNDX
Power
Ground
Pin Description
1
GND
40-pin QFN
VDD
GND
GND
VDD
GND
VDD
GND
11
21
31
PCIE3
PCIE3N
VDD
SCLK
SDATA
GND
66.66M
60M
VDD
GND
VDD
VDD
14-0209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com