Electronic Components Datasheet Search
  English  ▼

X  

HMC342 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC342
Description  GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC342 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC342 Datasheet HTML 1Page - Hittite Microwave Corporation HMC342 Datasheet HTML 2Page - Hittite Microwave Corporation HMC342 Datasheet HTML 3Page - Hittite Microwave Corporation HMC342 Datasheet HTML 4Page - Hittite Microwave Corporation HMC342 Datasheet HTML 5Page - Hittite Microwave Corporation HMC342 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
1 - 24
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC342
GaAs MMIC LOW NOISE
AMPLIFIER, 13 - 25 GHz
v00.0301
General Description
Features
Functional Diagram
The HMC342 chip is a GaAs MMIC Low Noise
Amplifier (LNA) which covers the frequency range
of 13 to 25 GHz. The chip can easily be inte-
grated into Multi-Chip Modules (MCMs) due to its
small (2.14 mm2) size. The chip utilizes a GaAs
PHEMT process offering 20 dB gain from a single
bias supply of + 3.0V @ 36 mA with a noise figure
of 3.5 dB. All data is with the chip in a 50 ohm
test fixture connected via 0.025 mm (1 mil) diam-
eter wire bonds of minimal length 0.31 mm (<12
mils).
Noise Figure : 3.5 dB
Gain: 20 dB
Single Supply : +3V @ 36 mA
Small Size: 1.06 mm x 2.02 mm
Electrical Specifications, T
A = +25° C, Vdd = +3V
Typical Applications
The HMC342 is ideal for:
• Microwave Point-to-Point Radios
• Millimeterwave Point-to-Point Radios
• VSAT & SATCOM
Parameter
Min.
Typ.
Max.
Units
Frequency Range
13 - 25
GHz
Gain
16
21
26
dB
Gain Variation Over Temperature
.03
.04
dB/°C
Noise Figure
3.5
4.5
dB
Input Return Loss
6
13
dB
Output Return Loss
6
14
dB
Reverse Isolation
39
45
dB
Output Power for 1dB Compression (P1dB)
1
5
dBm
Saturated Output Power (Psat)
3
8
dBm
Output Third Order Intercept (IP3)
8
13
dBm
Supply Current (Idd)(Vdd = +3V)
41
mA


Similar Part No. - HMC342

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342 Datasheet
230Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
Micross Components
HMC342 MICROSS-HMC342 Datasheet
876Kb / 9P
Millimeterwave Point-to-Point Radios
logo
Analog Devices
HMC342 AD-HMC342 Datasheet
308Kb / 6P
Microwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4 Datasheet
303Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
More results

Similar Description - HMC342

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4 Datasheet
303Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC342 HITTITE-HMC342_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342_10 Datasheet
230Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342LC4 HITTITE-HMC342LC4_09 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
TriQuint Semiconductor
QPA2628D TRIQUINT-QPA2628D Datasheet
1Mb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
logo
Qorvo, Inc
QPA2735 QORVO-QPA2735 Datasheet
1Mb / 15P
13 ??20 GHz GaAs Low Noise Amplifier
QPA2628D QORVO-QPA2628D Datasheet
1,001Kb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com