Electronic Components Datasheet Search
  English  ▼

X  

ADC08100 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08100
Description  8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08100 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC08100 Datasheet HTML 1Page - National Semiconductor (TI) ADC08100 Datasheet HTML 2Page - National Semiconductor (TI) ADC08100 Datasheet HTML 3Page - National Semiconductor (TI) ADC08100 Datasheet HTML 4Page - National Semiconductor (TI) ADC08100 Datasheet HTML 5Page - National Semiconductor (TI) ADC08100 Datasheet HTML 6Page - National Semiconductor (TI) ADC08100 Datasheet HTML 7Page - National Semiconductor (TI) ADC08100 Datasheet HTML 8Page - National Semiconductor (TI) ADC08100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A =DRVD = +3.0VDC,VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 100 MHz at 50%
duty cycle. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
CLK, PD DIGITAL INPUT CHARACTERISTICS
I
IL
Logical Low Input Current
V
IL = 0V, DR VD =VA = 2.7V
−50
nA
C
IN
Logic Input Capacitance
3
pF
DIGITAL OUTPUT CHARACTERISTICS
V
OH
High Level Output Voltage
V
A =DRVD = 2.7V, IOH = −400 µA
2.6
2.4
V (min)
V
OL
Low Level Output Voltage
V
A =DRVD = 2.7V, IOL = 1.0 mA
0.4
0.5
V (max)
DYNAMIC PERFORMANCE
ENOB
Effective Number of Bits
f
IN = 4 MHz, VIN = FS − 0.25 dB
7.5
Bits
f
IN = 10 MHz, VIN = FS − 0.25 dB
7.5
7.0
Bits (min)
f
IN = 41 MHz, VIN = FS − 0.25 dB,
T
A= 25˚C
7.3
6.9
Bits (min)
f
IN = 41 MHz, VIN = FS − 0.25 dB, TA
=T
MIN to TMAX
7.3
6.8
Bits (min)
f
IN = 49.8 MHz, VIN = FS − 0.25 dB
7.2
Bits
SINAD
Signal-to-Noise & Distortion
f
IN = 4 MHz, VIN = FS − 0.25 dB
47
dB
f
IN = 10 MHz, VIN = FS − 0.25 dB
47
43.9
dB (min)
f
IN = 41 MHz, VIN = FS − 0.25 dB,
T
A= 25˚C
46
43.3
dB (min)
f
IN = 41 MHz, VIN = FS − 0.25 dB, TA
=T
MIN to TMAX
46
42.7
dB (min)
f
IN = 49.8 MHz, VIN = FS − 0.25 dB
45
dB
SNR
Signal-to-Noise Ratio
f
IN = 4 MHz, VIN = FS − 0.25 dB
47
dB
f
IN = 10 MHz, VIN = FS − 0.25 dB
47
44
dB (min)
f
IN = 41 MHz, VIN = FS − 0.25 dB
46.5
42.8
dB (min)
f
IN = 49.8 MHz, VIN = FS − 0.25 dB
45.8
dB
SFDR
Spurious Free Dynamic Range
f
IN = 4 MHz, VIN = FS − 0.25 dB
61
dBc
f
IN = 10 MHz, VIN = FS − 0.25 dB
60
dBc
f
IN = 41 MHz, VIN = FS − 0.25 dB
63
dBc
f
IN = 49.8 MHz, VIN = FS − 0.25 dB
54
dBc
THD
Total Harmonic Distortion
f
IN = 4 MHz, VIN = FS − 0.25 dB
−61
dBc
f
IN = 10 MHz, VIN = FS − 0.25 dB
−60
dBc
f
IN = 41 MHz, VIN = FS − 0.25 dB
-60
dBc
f
IN = 49.8 MHz, VIN = FS − 0.25 dB
−54
dBc
HD2
2nd Harmonic Distortion
f
IN = 4 MHz, VIN = FS − 0.25 dB
-62
dBc
f
IN = 10 MHz, VIN = FS − 0.25 dB
−60
dBc
f
IN = 41 MHz, VIN = FS − 0.25 dB
-63
dBc
f
IN = 49.8 MHz, VIN = FS − 0.25 dB
−54
dBc
HD3
3rd Harmonic Distortion
f
IN = 4 MHz, VIN = FS − 0.25 dB
−68
dBc
f
IN = 10 MHz, VIN = FS − 0.25 dB
−65
dBc
f
IN = 41 MHz, VIN = FS − 0.25 dB
-64
dBc
f
IN = 49.8 MHz, VIN = FS − 0.25 dB
−68
dBc
IMD
Intermodulation Distortion
f
1 = 9 MHz, VIN = FS − 6.25 dB
f
2 = 10 MHz, VIN = FS − 6.25 dB
-48
dBc
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
DC Input
41
50
mA (max)
f
IN = 10 MHz, VIN =FS−3dB
41
mA (max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com