Electronic Components Datasheet Search
  English  ▼

X  

MA4SPS552 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS552
Description  SURMOUNT PIN Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS552 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS552 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS552 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SURMOUNTTM PIN Diode
Rev. V3
MA4SPS552
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.0
0.2
0.4
0.6
0.8
1.0
0 V
-5 V
-40 V
Frequency (GHz)
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
10
20
30
40
100 MHz
1 GHz
Voltage (V)
0.0
1.0
2.0
3.0
4.0
0.0
0.1
0.2
0.3
0.4
0.6
0.7
0.8
0.9
1.0
10 mA
20 mA
50 mA
100 mA
Frequency (GHz)
1.0
10.0
100.0
0.01
0.1
1
10
100
100 MHz
1 GHz
Current (mA)
1,000
10,000
100,000
1,000,000
-40
-30
-20
-10
0
100 MHz
1 GHz
Reverse Bias (-V)
Typical Performance Curves
Series Resistance vs. Frequency
Capacitance vs. Frequency
Series Resistance vs. Reverse Bias
Capacitance vs. Voltage
Series Resistance vs. Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com