Electronic Components Datasheet Search
  English  ▼

X  

TPD7210F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPD7210F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7210F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD7210F Datasheet HTML 3Page - Toshiba Semiconductor TPD7210F Datasheet HTML 4Page - Toshiba Semiconductor TPD7210F Datasheet HTML 5Page - Toshiba Semiconductor TPD7210F Datasheet HTML 6Page - Toshiba Semiconductor TPD7210F Datasheet HTML 7Page - Toshiba Semiconductor TPD7210F Datasheet HTML 8Page - Toshiba Semiconductor TPD7210F Datasheet HTML 9Page - Toshiba Semiconductor TPD7210F Datasheet HTML 10Page - Toshiba Semiconductor TPD7210F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TPD7210F
2008-05-12
7
Electrical Characteristics
(Unless otherwise specified, Ta = −40 to 125°C, CP1, 2 = 0.1μF, ROSC = 62kΩ, COSC = 270pF)
Characteristic
Symbol
Test
Circuit
Condition
Min
Typ.
Max
Unit
Remarks
Operating supply
voltage (Note3)
VDD(opr)
−
−
4.5
13.5
18
V
IDD(1)
−
VDD = 13.5 V
−
−
7
Oscillation circuit stops
Supply current
IDD(2)
−
VDD = 13.5 V,
VIN1 to VIN6 = 0 V,
CP1,2 = 0.1
μF
−
−
9
mA When oscillation circuit is
operating f = 100 kHz,
mean current
VIH
3.5
−
−
IN1 to IN6 and ENB
High-level input voltage
Input voltage
VIL
−
VDD = 7 to 18 V,
IO = 0 A
−
−
1.5
V
IIN1 to IN6 and ENB
low-level input voltage
IIH
VDD = 7 to 18V,
VIN = 5 V
−
−
200
μA
Input current
IIL
−
VDD = 7 to 18 V,
VIN = 0 V
− 10
−
10
μA
IN1 to IN6, ENB input
current
(per one input)
VDD = 7 V,
VIN1 to VIN6 = 0 V
VDD
+10.9
VDD
+11.9
−
V
VCPV ≈ 3×(VDD − VF)
VCPV denotes CPV pin
voltage.
(reference to SGND pin)
VDD = 13.5 V,
VIN1 to VIN6 = 0 V
VDD
+12
VDD
+14
VDD
+16
V
Charge pump voltage
(Note4)(Note5)
VCPV
−
VDD = 18 V,
VIN1 to VIN6= 0 V
VDD
+12
VDD
+14
VDD
+16
V
VCPV denotes CPV pin
voltage.
(reference to SGND pin)
VOH(H1)
VDD = 7V,
VIN = 5V,
IO = −10mA
−
VDD
+ 9.9
−
VOH(H2)
VDD = 13.5 V,
VIN = 5 V,
IO = −10 mA
−
VDD
+ 12
−
High-side high-level
output voltage
VOH(H3)
VDD = 18 V,
VIN = 5 V,
IO = −10 mA
−
VDD
+ 12
−
High-side high-level
output voltage drop
VDROP
−
VIN = 5 V,
IO = −10 mA,
VDROP = VCPV − VOH
−
2
3
High-side low-level
output voltage
VOL(H)
−
VDD = 7 to 18 V,
VIN = 0 V,
IO = 0 A
−
−
0.1
UU, VU and WU pin
voltage
(reference to SGND pin)
*Measuring single pulse
Low-side high-level
output voltage
VOH(L)
−
VDD = 7 to 18V,
VIN = 5V,
IO = −10mA
VDD- 0.1
VDD
−
Low-side low-level
output voltage
VOL(L)
−
VDD = 7 to 18 V,
VIN = 0 V,
IO = 0 A
−
−
0.1
V
UB, VB and WB pin
voltage
(reference to SGND pin)
RSOURCE
VDD = 13.5 V,
VIN = 5 V,
IO = −0.5 A
−
7
10
Output ON resistance
RSINK
−
VDD = 13.5 V,
VIN = 0 V,
IO = 0.5 A
−
4.5
10
Ω
UU, VU, WU, UB, VB and
WB output resistance
pulse width
≤ 10 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com