Electronic Components Datasheet Search
  English  ▼

X  

TPD7210F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TPD7210F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7210F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD7210F Datasheet HTML 4Page - Toshiba Semiconductor TPD7210F Datasheet HTML 5Page - Toshiba Semiconductor TPD7210F Datasheet HTML 6Page - Toshiba Semiconductor TPD7210F Datasheet HTML 7Page - Toshiba Semiconductor TPD7210F Datasheet HTML 8Page - Toshiba Semiconductor TPD7210F Datasheet HTML 9Page - Toshiba Semiconductor TPD7210F Datasheet HTML 10Page - Toshiba Semiconductor TPD7210F Datasheet HTML 11Page - Toshiba Semiconductor TPD7210F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPD7210F
2008-05-12
8
Characteristic
Symbol
Test
Circuit
Condition
Min
Typ.
Max
Unit
Remarks
Detection
VDDUV
5.0
5.5
6.0
Under-
voltage
detection
Hysteresis
∆VDDUV
−
−
−
0.5
−
V
Under voltage detection
voltage and hysteresis
(VDD voltage detected)
Turn-on
delay
time
td (ON)
−
0.25
1
Turn-on
time
tON
−
0.5
2
Turn-off
delay
time
td (OFF)
−
0.25
1
Switching
times
Turn-off
time
tOFF
1
VDD = 13.5 V,
VCPV = 13.5 V,
COUT = 12400 pF,
RG = 47 Ω
−
0.5
2
μs
UU, VU, WU, UB, VB
and WB switching
times
Dead time (Note 6)
tdead
−
VDD = 13.5 V,
tdead = tOFF − td(ON)
−
0.25
1
μs
Oscillating frequency
fOSC
−
VDD = 7 to 18V,
ROSC = 62 kΩ,
COSC = 270 pF
80
100
120
kHz
FAULT output voltage
VFAULT
−
VDD = 7 to 18 V,
IFAULT = 1 mA
−
−
0.8
V
FAULT pin low−level
voltage (open−drain)
FAULT output
leakage current
IFAULT
−
VDD = 7 to 18 V,
VFAULT = 18 V
−
−
10
μA
FAULT output
delay time
td(FAULT)
−
−
−
−
1
μs
Note3 : On-off output control, FAULT output and charge pump circuit operate from VDD ≥ 4.5V. However, charge
pump voltage (CPV voltage) decreases by there are a lot of output currents in the condition with a low power
supply voltage (VDD). It may be not enough voltage (VGS) to drive external power MOSFET. Be careful
enough when using it .
Note4 : When converting foward voltage of the charge pump circuit diode by 0.7V. Please use the diode of
high-speed type (trr
≤ 100ns).
Note5 : About the charge pump voltage
So as not to apply over-voltage to the gate-source voltage(VGS) of external power MOSFET, and so as to
become the best driving voltage,the clamping circuit is built into. When the CPV voltage reaches the value,
so as not to apply over-voltage, the oscillation logic circuit of the charge pump is stopped.
VDD voltage →
①
②
③
3×VDD - 3×VF@VIN1 to VIN6 = 0V (VF: diode forward voltage)
CPV voltage
Area①:VCPV=3×VDD - 3×VF
Area②:VCPV clamp=VDD + 14V typ.
Area③:VCPV clamp=32.5V typ. (35V max)
(8)
(18)
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com