Electronic Components Datasheet Search
  English  ▼

X  

HMC394LP4 Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC394LP4
Description  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC394LP4 Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC394LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MICROWAVE CORPORATION
10 - 64
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v04.1102
HMC394LP4
Synchronous Programming
For applications which can not tolerate a momentary undefined division ratio, which normally occurs while changing the
data bits (A0-A4) at random, synchronous programming can be used. Data is loaded into the counter on every rising
edge of the clock which occurs while the output (OUT) is “HIGH”. The typical minimum setup and hold times are shown
in the table below as a function of frequency. For precision applications, the rising edge of the complementary output
may be used to latch the new data bits (A0-A4), so that all bits are settled before the next load cycle.
T
SETTLING MAX = N/fIN (For Synchronous Programming)
Where N is the desired division ratio, and f
IN = Input Frequency (Hz)
Programmable Divider Timing Requirements
for Synchronous Programming
IN
OUT
OUT
CURRENT DATA
NEW DATA
A0-A4
t
SU
t
HOLD
Data Load
Rising Edge
Rising Edge to
Clock New Data
Parameter
0.5 GHz
1 GHz
2 GHz
t
SETUP
200 ps
200 ps
200 ps
t
HOLD
700 ps
300 ps
120 ps



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com