Electronic Components Datasheet Search
  English  ▼

X  

HMC394LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC394LP4
Description  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC394LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC394LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MICROWAVE CORPORATION
10 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
HMC394LP4
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v04.1102
General Description
Features
Functional Diagram
The HMC394LP4 is a low noise GaAs HBT pro-
grammable 5-bit counter in a 4mm x 4mm lead-
less surface mount package. This device allows
continuous division from N= 2 to 32 at input fre-
quencies up to 2.2 GHz. The output voltage swing
is 800 mV with a duty cycle inversely proportional
to N. The low additive SSB phase noise of -153
dBc/Hz at 100 KHz offset makes this counter an
excellent choice for low noise synthesizer appli-
cations.
SSB Phase Noise: -153 dBc/Hz @ 100 kHz
Selectable Division from 2 to 32
Parallel 5-Bit Control
Wide Input Power Range: -20 to +10 dBm
4mm x 4mm Leadless SMT Package
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= 5V
Typical Applications
Programmable divider for offset synthesizer
and variable divide by N applications:
• Satellite Communication Systems
• Pt-Pt and Pt-MPt Radios
• LMDS
• SONET
1. Divider will operate down to DC for square-wave input signal.
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
2.2
GHz
Minimum Input Frequency
Sine Wave Input [1]
0.1
GHz
Input Power Range
Fin = 0.1 to 2.2 GHz
-15
>-20
+10
dBm
Output Power
Divide-by-2
4
dBm
SSB Phase Noise
Fin = 1 GHz, N = 4
-153
dBc/Hz
Output Transition Time
100
ps
Supply Current (Icc)
194
mA


Similar Part No. - HMC394LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC394LP4 HITTITE-HMC394LP4 Datasheet
353Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC394LP4 HITTITE-HMC394LP4 Datasheet
457Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
logo
Analog Devices
HMC394LP4 AD-HMC394LP4 Datasheet
583Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
logo
Hittite Microwave Corpo...
HMC394LP4E HITTITE-HMC394LP4E Datasheet
353Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
logo
Analog Devices
HMC394LP4E AD-HMC394LP4E Datasheet
583Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
More results

Similar Description - HMC394LP4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-586 ETC-SNA-586 Datasheet
351Kb / 6P
DC-5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SCA-3 STANFORD-SCA-3 Datasheet
556Kb / 6P
DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC394LP4 HITTITE-HMC394LP4_07 Datasheet
457Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC394LP4 HITTITE-HMC394LP4_08 Datasheet
353Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Analog Devices
HMC394LP4 AD-HMC394LP4 Datasheet
583Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com