Electronic Components Datasheet Search
  English  ▼

X  

LM3492HCMH Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3492HCMH
Description  Two-Channel, Individual Dimmable LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HCMH Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3492HCMH Datasheet HTML 12Page - Texas Instruments LM3492HCMH Datasheet HTML 13Page - Texas Instruments LM3492HCMH Datasheet HTML 14Page - Texas Instruments LM3492HCMH Datasheet HTML 15Page - Texas Instruments LM3492HCMH Datasheet HTML 16Page - Texas Instruments LM3492HCMH Datasheet HTML 17Page - Texas Instruments LM3492HCMH Datasheet HTML 18Page - Texas Instruments LM3492HCMH Datasheet HTML 19Page - Texas Instruments LM3492HCMH Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
VOUT
ILIM
DOVP
VOUT
FB
GND
RFB1
CFB
RFB2
LM3492HC-Q1, LM3492HC
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
Figure 26. Output Voltage Feedback Circuit
8.3.9 Overvoltage Protection
When VFB is higher than the FB pin overvoltage protection (OVP) threshold VFB-OVP (typically 2.76 V and
maximum 2.88 V), the on-period of the integrated MOSFET stop immediately, and the MOSFET keeps off until
VFB falls back below below 2.545 V (typical hysteresis 0.215 V).
An alternative method to implement OVP is to directly monitor VOUT instead of VFB. An external circuit as shown
in Figure 27 is required. Current is injected to the ILIM pin to drive the LM3492HC device to the current limit
mode once VOUT is higher than the avalanche voltage of the Zener diode DOVP plus 0.7 V, the typical voltage on
the ILIM pin. In this case, the device imporses a maximum limit on VOUT. However, at the maximum limit of VOUT,
VFB must be higher than 2.25 V to avoid affecting the start-up of the device.
Figure 27. External OVP Circuit
8.3.10 Bidirectional Communication Pin
The COMM pin of the LM3492HC device is an open-drain bidirectional I/O pin for interfacing with an external
MCU for the following functions:
•
power-good indication
•
overtemperature indication
•
output current overvoltage and undervoltage indications
•
switching frequency tuning
•
channel 1 disabling
Except for the power good indication and the overtemperature alerts, all data flow through the COMM pin is
serial and is latched by the falling edge of the signal applying to the DIM1 pin, even when channel 1 of the
current regulator is disabled. If the DIM1 pin remains only low or only high, either by an external circuit or by
allowing it to open and pull low internally, data does not flow. Figure 28 and Figure 29 show timing diagrams of
reading and writing a bit from and to the device through the COMM pin.
Pull up the COMM pin by an MCU I/O pin, which has pullup capability, or an external resistor RCOMM connected
to the VCC pin. Without this capability, the voltage of the COMM pin remains at zero. The rise time of the output
signal of the COMM pin depends on the pullup power. If the rise time is long (RCOMM is too large or pullup power
from the connecting MCU I/O pin is too weak), data may be ready after a longer duration after the falling edge. In
this case, the design requires a longer delay between the falling edge latching and the (input or output) bit.
16
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3492HC-Q1 LM3492HC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com