Electronic Components Datasheet Search
  English  ▼

X  

LM3492HCMH Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3492HCMH
Description  Two-Channel, Individual Dimmable LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HCMH Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3492HCMH Datasheet HTML 3Page - Texas Instruments LM3492HCMH Datasheet HTML 4Page - Texas Instruments LM3492HCMH Datasheet HTML 5Page - Texas Instruments LM3492HCMH Datasheet HTML 6Page - Texas Instruments LM3492HCMH Datasheet HTML 7Page - Texas Instruments LM3492HCMH Datasheet HTML 8Page - Texas Instruments LM3492HCMH Datasheet HTML 9Page - Texas Instruments LM3492HCMH Datasheet HTML 10Page - Texas Instruments LM3492HCMH Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM3492HC-Q1, LM3492HC
www.ti.com
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMM PIN
COMM goes LOW during VIOUT
VIOUT-OV
IOUT pin overvoltage threshold
5.6
6.7
7.8
V
rising, other VIOUT = 1.2 V
VCOMM-LOW
COMM pin at LOW
5 mA into COMM
0.7
V
ILEAK-FAULT
COMM pin open leakage
VCOMM = 5 V
5
µA
THERMAL PROTECTION
TOTM
Overtemperature indication
TJ rising
135
°C
Over-temperature indication
TOTM-HYS
TJ falling
15
°C
hysteresis
TSD
Thermal shutdown temperature
TJ rising
165
°C
Thermal shutdown temperature
TSD-HYS
TJ falling
20
°C
hysteresis
7.6 Typical Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12 V with configuration in typical application circuit
for ILED = 250 mA shown in this data sheet.
Figure 1. Quiescent Current vs Input Voltage
Figure 2. VCC Voltage vs VCC Ouput Current
Figure 3. VCC Voltage vs Input Voltage
Figure 4. Switching Frequency vs Input Voltage
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3492HC-Q1 LM3492HC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com