Electronic Components Datasheet Search
  English  ▼

X  

LM3492HC Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3492HC
Description  Two-Channel, Individual Dimmable LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HC Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3492HC Datasheet HTML 17Page - Texas Instruments LM3492HC Datasheet HTML 18Page - Texas Instruments LM3492HC Datasheet HTML 19Page - Texas Instruments LM3492HC Datasheet HTML 20Page - Texas Instruments LM3492HC Datasheet HTML 21Page - Texas Instruments LM3492HC Datasheet HTML 22Page - Texas Instruments LM3492HC Datasheet HTML 23Page - Texas Instruments LM3492HC Datasheet HTML 24Page - Texas Instruments LM3492HC Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM3492HC-Q1, LM3492HC
www.ti.com
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
Typical Application (continued)
9.2.3 Application Curve
ILED = 150 mA
VOUT = 30 V
VVIN = 12 V
Dimming frequency = 1 kHz
Trace 1 = VIOUT1 Trace 4 = channel 1 LED
Figure 31. PWM Dimming
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3492HC-Q1 LM3492HC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com