Electronic Components Datasheet Search
  English  ▼

X  

LM3492HC Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3492HC
Description  Two-Channel, Individual Dimmable LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HC Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3492HC Datasheet HTML 9Page - Texas Instruments LM3492HC Datasheet HTML 10Page - Texas Instruments LM3492HC Datasheet HTML 11Page - Texas Instruments LM3492HC Datasheet HTML 12Page - Texas Instruments LM3492HC Datasheet HTML 13Page - Texas Instruments LM3492HC Datasheet HTML 14Page - Texas Instruments LM3492HC Datasheet HTML 15Page - Texas Instruments LM3492HC Datasheet HTML 16Page - Texas Instruments LM3492HC Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
VIN
EN
GND
REN1
REN2
VVIN
DEN
LM3492HC-Q1, LM3492HC
www.ti.com
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
Feature Description (continued)
8.3.2 LDO Regulator
The LM3492HC device offers an integrated, 5.5-V, LDO regulator. For stability, connect an external capacitor
CVCC of more than 0.47-µF between the VCC and GND pins. The current limit of the LDO is typically 30 mA. The
LDO regulator can be used to pullup the open-drain COMM pin with an external resistor, and sources current to
the ILIM pin to adjust the current limit of the integrated MOSFET. When the voltage on the VCC pin (VCC) is
higher than the undervoltage lockout (UVLO) threshold of 3.78 V, the device becomes enabled and the CDHC
pin sources a current to charge up an external capacitor (CCDHC) to provide a soft-start function.
8.3.3 Enable and Disable
To enable the LM3492HC device, the voltage on the EN pin (VEN) must be higher than an enable threshold of
typically 1.63 V. If the voltage on the EN pin (VEN) is lower than 1.43 V, the device shuts down. In this case, the
LDO regulator turns off and the CDHC pin becomes internally grounded. The EN pin internally pulls up. After
enable, a 40-µA current source pulls up the EN pin. If the EN pin is connected to low such that the device is
shutdown, the pullup current is reduced to 2 µA. These advantages allow the device to effectively avoid false
disabling by noise during operation, and minimize power consumption during shutdown. The enable threshold is
so precise that it can support a UVLO function for the input voltage as shown in Figure 22. The input voltage can
be connected to the EN pin through a resistor divider consisting of REN1 and REN2. This circuitry ensures that the
device operates after the input voltage reaches a minimum require value VIN(EN), as shown in Equation 1.
VIN(EN) = 1.63 V(1 + REN1/ REN2)
(1)
To maintain the VEN level below the absolute maximum specification, place a Zener diode (DEN) between the EN
pin and GND pins.
Figure 22. Input Voltage UVLO Implemented by Precision Enable
After the EN pin is pulled low, the device performs the following functions:
•
resets IOUT overvoltage and undervoltage indications and the corresponding COMM bit pattern
•
resumes the switching frequency tuning to the normal frequency
•
resumes channel 1 of the current regulator if it is disabled
Pulling the EN pin low for a short period of approximately 200 ns achieves these same functions with little or no
effect on the operation of the boost converter and the current regulator.
8.3.4 Current Limit
The current limit (ICL) of the integrated MOSFET of the LM3492HC device provides a cycle-by-cycle current limit
for protection. This limit can be decreased by injecting a small signal current, IILIM into the ILIM pin. The
relationship between ICL and IILIM is described in Equation 2.
ICL = ICL(max) – 4290 × IILIM
where
•
ICL(max) is the maximum current limit (3.9 A typical)
(2)
As shown in Figure 23, create current limit functionality by connecting a resistor (RILIM) between the VCC pin and
the ILIM pin. The typical voltage on the ILIM pin is 0.7 V. To obtain the maximum current limit, connect the ILIM
pin to ground.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3492HC-Q1 LM3492HC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com