Electronic Components Datasheet Search
  English  ▼

X  

ADC0816 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0816
Description  8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0816 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC0816 Datasheet HTML 1Page - National Semiconductor (TI) ADC0816 Datasheet HTML 2Page - National Semiconductor (TI) ADC0816 Datasheet HTML 3Page - National Semiconductor (TI) ADC0816 Datasheet HTML 4Page - National Semiconductor (TI) ADC0816 Datasheet HTML 5Page - National Semiconductor (TI) ADC0816 Datasheet HTML 6Page - National Semiconductor (TI) ADC0816 Datasheet HTML 7Page - National Semiconductor (TI) ADC0816 Datasheet HTML 8Page - National Semiconductor (TI) ADC0816 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Functional Description
Multiplexer: The device contains a 16-channel single-ended
analog signal multiplexer. A particular input channel is se-
lected by using the address decoder.
Table 1 shows the input
states for the address line and the expansion control line to
select any channel. The address is latched into the decoder
on the low-to-high transition of the address latch enable
signal.
TABLE 1.
Selected
Address Line
Expansion
Analog Channel
DCBA
Control
IN0
LLLL
H
IN1
L
L
L
H
H
IN2
L
L
H
L
H
IN3
L
L
H
H
H
IN4
L
H
L
L
H
IN5
LHLH
H
IN6
LH
HL
H
IN7
L
H
H
H
H
IN8
H
L
L
L
H
IN9
HL
LH
H
IN10
HLHL
H
IN11
H
L
H
H
H
IN12
H
H
L
L
H
IN13
H
H
L
H
H
IN14
H
H
H
L
H
IN15
HHHH
H
All Channels OFF
XXXX
L
X=don’t care
Additional single-ended analog signals can be multiplexed to
the A/D converter by disabling all the multiplexer inputs using
the expansion control. The additional external signals are
connected to the comparator input and the device ground.
Additional signal conditioning (i.e., prescaling, sample and
hold, instrumentation amplification, etc.) may also be added
between the analog input signal and the comparator input.
CONVERTER CHARACTERISTICS
The Converter
The heart of this single chip data acquisition system is its
8-bit analog-to-digital converter. The converter is designed to
give fast, accurate, and repeatable conversions over a wide
range of temperatures. The converter is partitioned into 3
major sections: the 256R ladder network, the successive
approximation register, and the comparator. The converter’s
digital outputs are positive true.
The 256R ladder network approach
Figure 1 was chosen
over the conventional R/2R ladder because of its inherent
monotonicity, which guarantees no missing digital codes.
Monotonicity is particularly important in closed loop feedback
control systems. A non-monotonic relationship can cause
oscillations that will be catastrophic for the system. Addition-
ally, the 256R network does not cause load variations on the
reference voltage.
The bottom resistor and the top resistor of the ladder net-
work in
Figure 1 are not the same value as the remainder of
the network. The difference in these resistors causes the
output characteristic to be symmetrical with the zero and
full-scale points of the transfer curve. The first output transi-
tion occurs when the analog signal has reached + 1⁄2 LSB
and succeeding output transitions occur every 1 LSB later up
to full-scale.
DS005277-2
FIGURE 1. Resistor Ladder and Switch Tree
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com