Electronic Components Datasheet Search
  English  ▼

X  

ADC0816 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0816
Description  8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0816 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC0816 Datasheet HTML 5Page - National Semiconductor (TI) ADC0816 Datasheet HTML 6Page - National Semiconductor (TI) ADC0816 Datasheet HTML 7Page - National Semiconductor (TI) ADC0816 Datasheet HTML 8Page - National Semiconductor (TI) ADC0816 Datasheet HTML 9Page - National Semiconductor (TI) ADC0816 Datasheet HTML 10Page - National Semiconductor (TI) ADC0816 Datasheet HTML 11Page - National Semiconductor (TI) ADC0816 Datasheet HTML 12Page - National Semiconductor (TI) ADC0816 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Applications Information (Continued)
A good example of a ratiometric transducer is a potentiom-
eter used as a position sensor. The position of the wiper is
directly proportional to the output voltage which is a ratio of
the full-scale voltage across it. Since the data is represented
as a proportion of full-scale, reference requirements are
greatly reduced, eliminating a large source of error and cost
for many applications. A major advantage of the ADC0816,
ADC0817 is that the input voltage range is equal to the
supply range so the transducers can be connected directly
across the supply and their outputs connected directly into
the multiplexer inputs, (
Figure 9).
Ratiometric transducers such as potentiometers, strain
gauges, thermistor bridges, pressure transducers, etc., are
suitable for measuring proportional relationships; however,
many types of measurements must be referred to an abso-
lute standard such as voltage or current. This means a
system reference must be used which relates the full-scale
voltage to the standard volt. For example, if V
CC =VREF =
5.12V, then the full-scale range is divided into 256 standard
steps. The smallest standard step is 1 LSB which is then 20
mV.
2.0 RESISTOR LADDER LIMITATIONS
The voltages from the resistor ladder are compared to the
selected input 8 times in a conversion. These voltages are
coupled to the comparator via an analog switch tree which is
referenced to the supply. The voltages at the top, center and
bottom of the ladder must be controlled to maintain proper
operation.
The top of the ladder, Ref(+), should not be more positive
than the supply, and the bottom of the ladder, Ref(−), should
not be more negative than ground. The center of the ladder
voltage must also be near the center of the supply because
the analog switch tree changes from N-channel switches to
P-channel switches. These limitations are automaticaly sat-
isfied in ratiometric systems and can be easily met in ground
referenced systems.
Figure 10 shows a ground referenced system with a sepa-
rate supply and reference. In this system, the supply must be
trimmed to match the reference voltage. For instance, if a
5.12V reference is used, the supply should be adjusted to
the same voltage within 0.1V.
The ADC0816 needs less than a milliamp of supply current
so developing the supply from the reference is readily ac-
complished. In
Figure 11 a ground references system is
shown which generates the supply from the reference. The
buffer shown can be an op amp of sufficient drive to supply
the millliamp of supply current and the desired bus drive, or
if a capacitive bus is driven by the outputs a large capacitor
will supply the transient supply current as seen in
Figure 12.
The LM301 is overcompensated to insure stability when
loaded by the 10 µF output capacitor.
The top and bottom ladder voltages cannot exceed V
CC and
ground, respectively, but they can be symmetrically less than
V
CC and greater than ground. The center of the ladder
voltage should always be near the center of the supply. The
sensitivity of the converter can be increased, (i.e., size of the
LSB steps decreased) by using a symmetrical reference
system. In
Figure 13, a 2.5V reference is symmetrically
centered about V
CC/2 since the same current flows in iden-
tical resistors. This system with a 2.5V reference allows the
LSB to be half the size of the LSB in a 5V reference system.
DS005277-11
FIGURE 9. Ratiometric Conversion System
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com