Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0017 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0017
Description  Digital Attenuator, 5-Bit, 15.5 dB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0017 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0017 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Digital Attenuator, 5-Bit, 15.5 dB
400 - 2500 MHz
Rev. V2
MAATSS0017
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves
Attenuation at Major Bits
Insertion Loss
Input Return Loss
Output Return Loss
Attenuation Accuracy
Attenuation Accuracy vs. Setting
0
5
10
15
20
0
500
1000
1500
2000
2500
3000
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (MHz)
-10
-8
-6
-4
-2
0
2
0
500
1000
1500
2000
2500
3000
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (MHz)
0
1
2
3
4
5
0
500
1000
1500
2000
2500
3000
+25ºC
-40ºC
+85ºC
Frequency (MHz)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
0
4
8
12
16
250 MHz
400 MHz
900 MHz
1900 MHz
2200 MHz
2500 MHz
Attenuation Setting (dB)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com