Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0017 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0017
Description  Digital Attenuator, 5-Bit, 15.5 dB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0017 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0017 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATSS0017 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Digital Attenuator, 5-Bit, 15.5 dB
400 - 2500 MHz
Rev. V2
MAATSS0017
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves
Step size (high frequency)
Step size (low frequency)
IIP3, +3 V, at 0 dB Attenuation Setting
IIP3, +5 V, vs. Attenuation Setting
Sample Board Loss
0.0
0.2
0.4
0.6
0.8
1.0
0
4
8
12
16
250 MHz
400 MHz
900 MHz
Attenuation Setting (dB)
0.0
0.2
0.4
0.6
0.8
1.0
0
4
8
12
16
1900 MHz
2200 MHz
2500 MHz
Attenuation Setting (dB)
30
35
40
45
50
55
500
1000
1500
2000
2500
+25ºC
-40ºC
+85ºC
Frequency (MHz)
IIP3, +5 V, at 0 dB Attenuation Setting
30
35
40
45
50
55
500
1000
1500
2000
2500
0 dB
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (MHz)
0.0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
2000
2500
+25ºC
-40ºC
+85ºC
Frequency (MHz)
30
35
40
45
50
55
500
1000
1500
2000
2500
+25ºC
-40ºC
+85ºC
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com