Electronic Components Datasheet Search
  English  ▼

X  

PI6CV304W Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6CV304W
Description  160 MHz Clock Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV304W Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6CV304W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV304 / PI6CV2304
160 MHz Clock Buffers
7
PS8537F
09/14/09
DESCRIPTION: 8-Pin, 173-Mil Wide, TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL NO.
PD - 1308
REVISION: E
DATE: 11/15/05
Note:
1.
Package Outline Exclusive of Mold Flash and Metal Burr
2.
Controlling dimentions in millimeters
3.
Ref: JEDEC MO-153F/AA
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
Packaging Mechanical: 8-Pin TSSOP (L)
Note:
For latest package info, please check: http://www.pericom.com/products/packaging/mechanicals.php
09-0040



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com