Electronic Components Datasheet Search
  English  ▼

X  

PI6CV304W Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6CV304W
Description  160 MHz Clock Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV304W Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6CV304W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8537F
09/16/09
Y3
Y2
VDD
Y1
CLK_IN
OE
Y0
GND
1
2
3
4
8
7
6
5
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV304 / PI6CV2304
Description
Pericom’sPI6CV304andPI6CV2304arelow-skew, low-noise,high-
speed clock buffers and are ideal for computing, networking, and
communication applications. Application examples include PCI(X)
clock buffers in servers and workstations, PCI(X) Storage Area
Network (SAN), and RAID controllers. They are used for networking
and communications applications requiring 80 MHz for 10/100 Mbps
Ethernet and 125 MHz for Gigabit networking clocks.
To reduce EMI emission and power consumption, all outputs can be
disabled to 3-state by asserting a low signal to the OE (Output
Enable) pin.
PI6CV2304 output impedance is 30-ohms. PI6CV304 output imped-
ance is 20-ohms.
Features
• 140MHz operation (PI6CV2304)
• 160 MHz operation (PI6CV304)
• Low noise, low skew: 150ps max
• Fast rise/fall time: 1.0ns typ.
• Fast propagation delay: 2.0ns typ.
• 5V I/O tolerant input
• Industrial temperature (–40°C to 85°C)
• 3.3V power supply
• Packaging (Pb-free & Green available)
– 8-pin TSSOP (L)
– 8-pin SOIC (W)
PinConfiguration
160 MHz Clock Buffers
Block Diagram
Applications
• 33 MHz PCI-to-133 MHz PCIX controllers
• 80 MHz for 10/100 Mbps Ethernet
• 125 MHz for Gigabit networking
• 155 MHz for Optical OC3/SDH/SONET
Y0
Y3
Y2
Y1
OE
CLK_IN
s
t
u
p
n
It
u
p
t
u
O
N
I
_
K
L
CE
O]
3
:
0
[
Y
X
L
H
L
H
H
Z
L
H
Function Table
09-0040


Similar Part No. - PI6CV304W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV304W PERICOM-PI6CV304W Datasheet
218Kb / 8P
160 MHz Clock Buffers
PI6CV304W PERICOM-PI6CV304W Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV304W PERICOM-PI6CV304W Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV304WE PERICOM-PI6CV304WE Datasheet
218Kb / 8P
160 MHz Clock Buffers
PI6CV304WE PERICOM-PI6CV304WE Datasheet
333Kb / 8P
160 MHz Clock Buffers
More results

Similar Description - PI6CV304W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV304 PERICOM-PI6CV304 Datasheet
218Kb / 8P
160 MHz Clock Buffers
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
3.3V, 160-MHz, 1:10 Clock Distribution Buffer
B9948 CYPRESS-B9948 Datasheet
100Kb / 6P
3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
3.3V, 160-MHz, 1:9 Clock Distribution Buffer
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
3.3V 160-MHz 1:15 Clock Distribution Buffer
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501 Datasheet
139Kb / 6P
3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
logo
Pericom Semiconductor C...
PI6CV304LEX PERICOM-PI6CV304LEX Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV2304LEX PERICOM-PI6CV2304LEX Datasheet
333Kb / 8P
160 MHz Clock Buffers
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
Input/Output clock frequency up to 160 MHz
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501_13 Datasheet
110Kb / 6P
3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
November, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com