Electronic Components Datasheet Search
  English  ▼

X  

HMC425LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC425LP3
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC425LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC425LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
9 - 96
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC425LP3
v00.0202
Pin Descriptions
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
Pin Number
Function
Description
Interface Schematic
1, 3, 10, 12
GND
Package bottom has an exposed metal paddle that must also
be connected to RF Ground.
2, 11
RFIN, RFOUT
This pin is DC coupled and matched to 50 Ohm.
Blocking capacitors are required.
4, 5, 6, 7, 8, 9
V1 - V6
See truth table and control voltage table.
13, 14, 16
N/C
This pin should be connected to PCB RF ground to
maximize performance.
15
Vdd
Supply Voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com