Electronic Components Datasheet Search
  English  ▼

X  

HMC425LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC425LP3
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC425LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC425LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC425LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
9 - 92
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC425LP3
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
v00.0202
Functional Diagram
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
Typical Applications
The HMC425LP3 is ideal for:
• WLAN & Point-to-Multi-Point
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military
Features
0.5 dB LSB Steps to 31.5 dB
Single Control Line Per Bit
+/- 0.5 dB Typical Bit Error
Single +5V Supply
3 mm x 3 mm x 1 mm SMT Package
General Description
The HMC425LP3 is a broadband 6-bit GaAs IC
digital attenuator in a low cost leadless surface
mount package. Covering 2.4 to 8.0 GHz, the
insertion loss is less then 3.8 dB typical. The
attenuator bit values are 0.5 (LSB), 1, 2, 4, 8, and
16 dB for a total attenuation of 31.5 dB. Attenua-
tion accuracy is excellent at ± 0.5 dB typical step
error with an IIP3 of +40 dBm. Six control volt-
age inputs, toggled between 0 and +3 to +5V, are
used to select each attenuation state. A single
Vdd bias of +3 to +5V is required.
Parameter
Frequency
(GHz)
Min.
Typ.
Max.
Units
Insertion Loss
2.4 - 6.0 GHz
6.0 - 8.0 GHz
3.0
3.8
3.5
4.3
dB
dB
Attenuation Range
2.4 - 8.0 GHz
31.5
dB
Return Loss (RF1 & RF2, All Atten. States)
2.4 - 8.0 GHz
11
15
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
All States
2.4 - 8.0 GHz
± 0.5 + 5% of Atten. Setting Max.
dB
Input Power for 0.1 dB Compression
Vdd = 5V
Vdd = 3V
2.4 - 8.0 GHz
22
19
dBm
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
REF - 16.0 dB States
16.5 - 31.5 dB States
2.4 - 8.0 GHz
45
35
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
2.4 - 8.0 GHz
160
180
ns
ns


Similar Part No. - HMC425LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC425LP3 HITTITE-HMC425LP3 Datasheet
218Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC425LP3E HITTITE-HMC425LP3E Datasheet
218Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC425LP3 HITTITE-HMC425LP3_09 Datasheet
218Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
More results

Similar Description - HMC425LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC425 HITTITE-HMC425 Datasheet
210Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC425 HITTITE-HMC425_09 Datasheet
244Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC425LP3 HITTITE-HMC425LP3_09 Datasheet
218Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC425ALP3 AD-HMC425ALP3 Datasheet
1Mb / 4P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC425A AD-HMC425A Datasheet
1Mb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com