Electronic Components Datasheet Search
  English  ▼

X  

TT1620 Datasheet(PDF) 11 Page - Tontek Design Technology

Part # TT1620
Description  LED Driver (8 x 6)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TT1620 Datasheet(HTML) 11 Page - Tontek Design Technology

Back Button TT1620 Datasheet HTML 6Page - Tontek Design Technology TT1620 Datasheet HTML 7Page - Tontek Design Technology TT1620 Datasheet HTML 8Page - Tontek Design Technology TT1620 Datasheet HTML 9Page - Tontek Design Technology TT1620 Datasheet HTML 10Page - Tontek Design Technology TT1620 Datasheet HTML 11Page - Tontek Design Technology TT1620 Datasheet HTML 12Page - Tontek Design Technology TT1620 Datasheet HTML 13Page - Tontek Design Technology TT1620 Datasheet HTML 14Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TT1620
2014/10/30
Page:11of 14
Version:
1.2
Application circuit:(Common Cathode Type)
TT1620
GR1
GND
GND
GR2
GR3
GR4
GR5
STB
CLK
DIO
GR6
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
VDD
h
command cathode
com
h
f
g
e
d
c
b
g
f
e
d
c
b
a
a
h
command cathode
com
h
f
g
e
d
c
b
g
f
e
d
c
b
a
a
h
command cathode
com
h
f
g
e
d
c
b
g
f
e
d
c
b
a
a
h
command cathode
com
h
f
g
e
d
c
b
g
f
e
d
c
b
a
a
h
command cathode
com
h
f
g
e
d
c
b
g
f
e
d
c
b
a
a
h
command cathode
com
h
f
g
e
d
c
b
g
f
e
d
c
b
a
a
MCU
10K
0.1uF
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com