Electronic Components Datasheet Search
  English  ▼

X  

TT1620 Datasheet(PDF) 3 Page - Tontek Design Technology

Part # TT1620
Description  LED Driver (8 x 6)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TT1620 Datasheet(HTML) 3 Page - Tontek Design Technology

  TT1620 Datasheet HTML 1Page - Tontek Design Technology TT1620 Datasheet HTML 2Page - Tontek Design Technology TT1620 Datasheet HTML 3Page - Tontek Design Technology TT1620 Datasheet HTML 4Page - Tontek Design Technology TT1620 Datasheet HTML 5Page - Tontek Design Technology TT1620 Datasheet HTML 6Page - Tontek Design Technology TT1620 Datasheet HTML 7Page - Tontek Design Technology TT1620 Datasheet HTML 8Page - Tontek Design Technology TT1620 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TT1620
2014/10/30
Page:3of 14
Version:1.2
.
Pin Description:
Pin Name 
I/O 
Pin Description
DIO 
I/O 
Data Input Pin : This pin inputs serial data at the rising edge of the shift clock 
(starting from the lower bit) 
Data Output Pin (N‐Channel, Open‐Drain) 
CLK I 
Clock Input Pin This pin reads serial data at the rising edge and outputs data at 
the falling edge. 
STB 
I 
Serial Interface Strobe Pin
The data input after the STB has fallen is processed as a command. When this 
pin is HIGH", CLK is ignored. 
VDD 
P 
Power Supply
SEG1 ~SEG8 
O 
Segment Output Pins (p‐channel, open drain)
GND 
P 
Ground Pin 
GR1 ~ GR6 
O 
Grid Output Pins
Equivalent Circuits for Inputs and Outputs:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com