Electronic Components Datasheet Search
  English  ▼

X  

TTP229 Datasheet(PDF) 13 Page - Tontek Design Technology

Part # TTP229
Description  16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP229 Datasheet(HTML) 13 Page - Tontek Design Technology

Back Button TTP229 Datasheet HTML 9Page - Tontek Design Technology TTP229 Datasheet HTML 10Page - Tontek Design Technology TTP229 Datasheet HTML 11Page - Tontek Design Technology TTP229 Datasheet HTML 12Page - Tontek Design Technology TTP229 Datasheet HTML 13Page - Tontek Design Technology TTP229 Datasheet HTML 14Page - Tontek Design Technology TTP229 Datasheet HTML 15Page - Tontek Design Technology TTP229 Datasheet HTML 16Page - Tontek Design Technology TTP229 Datasheet HTML 17Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Preliminary
TTP229
TonTouchTM
09’/12/22
Page 13 of 19
Ver : 1.1
5. Wake-up sampling rate and sampling length at sleep mode
The TTP229 has two kinds of sampling rate at sleep mode. These are 8Hz and 64Hz. The two
functions are selected by TP5(SLWPTM) pin. The TP5(SLWPTM) pin has used a high-value resistor
connected to VSS, it selected the 64Hz sampling rate. Another it is 8Hz that is not used resistor
connected to VSS. The 8Hz sampling is the default.
And TTP229 has two kinds of sampling length at sleep mode. They are 4ms and 2ms that are selected
by TP6(WPSCT) pin. The default is 4ms that TP6(WPSCT) pin is not used resistor connected to VSS.
Another it is 2ms that TP6 pin has used a high-value resistor connected to VSS.
Wake-up sampling timing and length in the sleep mode:
or
8Hz=>125ms
4.0ms or 2.0ms
64Hz=>15.6ms
clock
Detect
Wake-up
6. Maximum key-on time
If some objects cover in the sense pad, and causing the change quantity enough to be detected. To
prevent this, the TTP229 sets a timer to monitor the detection. The timer is the maximum key-on time.
It is set about 80sec at 3V. When the detection is over the timer, the system will return to the power-on
initial state, and the output becomes inactive until the next detection. The function is set via a
high-value resistor connected to the TP7(SKSRT) pin to VSS. The TP7(SKSRT) pin does not has the
resistor, it is set disable the maximum key-on time, then the key acts infinitely, this is the default.
Another it is set enable the maximum key-on time that has a resistor.
If the system needs to use the maximum key-on time enable and 2-wires serial output interface
function, it only uses always polling data for 2-wires serial output interface.
7. Built-in regulator with external enable/disable
The capacitive sensing touch pad IC needs stable power. So the TTP229 built in regulator in the chip.
It can make the internal power to keep up steady. And the sensitivity detection is normal for chip. And
the stable power can avoid sensitivity anomalies and false detections.
The built in regulator can be set enable or disable by the REGEN pin. When REGEN pin connected to
VDD or floated, it is enabled regulator. The REGEN pin connects to VSS, it is disabled regulator.
When the internal regulator is disabled, the VREG pin must be connected to external VDD.
8. Auto calibration function
The TTP229 includes a full auto-calibration function. After the device is powered-on, it will
calibrate the initial condition of environment first. On the duration time all the functions are disabled,
so do not operate. Then the system is into stand-by mode. And all keys are not detected touch more
than about 4 seconds, then the system do re-calibration automatically. The procedure is fixed and
repeated. By implementing this feature the system can catch the conditions of environment changing.
And let operation of the system is normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com