Electronic Components Datasheet Search
  English  ▼

X  

TTP229 Datasheet(PDF) 3 Page - Tontek Design Technology

Part # TTP229
Description  16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP229 Datasheet(HTML) 3 Page - Tontek Design Technology

  TTP229 Datasheet HTML 1Page - Tontek Design Technology TTP229 Datasheet HTML 2Page - Tontek Design Technology TTP229 Datasheet HTML 3Page - Tontek Design Technology TTP229 Datasheet HTML 4Page - Tontek Design Technology TTP229 Datasheet HTML 5Page - Tontek Design Technology TTP229 Datasheet HTML 6Page - Tontek Design Technology TTP229 Datasheet HTML 7Page - Tontek Design Technology TTP229 Datasheet HTML 8Page - Tontek Design Technology TTP229 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Preliminary
TTP229
TonTouchTM
09’/12/22
Page 3 of 19
Ver : 1.1
PAD DESCRIPTION
Pad No. Pad Name Share Pin I/O Type
Pad Description
1
TP15
TPQ7
I/O/OD Touch pad input pin(KEY-15)
8-keys direct output pin(TPQ7)
2
TP14
TPQ6
I/O/OD Touch pad input pin(KEY-14)
8-keys direct output pin(TPQ6)
3
SENADJ3
I/O
Touch pad TP12~15 sensitivity adjust common pin
4
TP13
TPQ5
I/O/OD Touch pad input pin(KEY-13)
8-keys direct output pin(TPQ5)
5
TP12
TPQ4
I/O/OD Touch pad input pin(KEY-12)
8-keys direct output pin(TPQ4)
6
SDA
I/OD
Data pin for the I2C-bus serial data interface
7
SDO
O
Data pin for the 2-wires serial output, option active
Low/High by TP1
8
SCL
I
Serial clock input pin for serial type
At 2-wires serial type can be set active Low/High by TP1
9
SLPSENB
I/O
Sleep mode sensitivity adjustment pin for
group-B(TP8~15)
10
TP11
TPQ3
I/O/OD Touch pad input pin(KEY-11)
8-keys direct output pin(TPQ3)
11
TP10
TPQ2
I/O/OD Touch pad input pin(KEY-10)
8-keys direct output pin(TPQ2)
12
SENADJ2
I/O
Touch pad TP8~11 sensitivity adjust common pin
13
TP9
TPQ1
I/O/OD Touch pad input pin(KEY-9)
8-keys direct output pin(TPQ1)
14
TP8
TPQ0
I/O/OD Touch pad input pin(KEY-8)
8-keys direct output pin(TPQ0)
15
TEST
I-PL
Only for test
16
A2
I-PH
A2~0 are input pins for the I2C-bus device address
selection
17
A1
I-PH
A2~0 are input pins for the I2C-bus device address
selection
18
A0
I-PH
A2~0 are input pins for the I2C-bus device address
selection
19
SLSERT
I-PH
The option pin for serial output type selection
Default is 2-wires serial type
20
TP7
SKSRT
I/O
Touch pad input pin(KEY-7)
Maximum key-on time function option(Infinite/80sec)
Default is infinite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com