Electronic Components Datasheet Search
  English  ▼

X  

TTP229-LSF Datasheet(PDF) 3 Page - Tontek Design Technology

Part # TTP229-LSF
Description  16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP229-LSF Datasheet(HTML) 3 Page - Tontek Design Technology

  TTP229-LSF Datasheet HTML 1Page - Tontek Design Technology TTP229-LSF Datasheet HTML 2Page - Tontek Design Technology TTP229-LSF Datasheet HTML 3Page - Tontek Design Technology TTP229-LSF Datasheet HTML 4Page - Tontek Design Technology TTP229-LSF Datasheet HTML 5Page - Tontek Design Technology TTP229-LSF Datasheet HTML 6Page - Tontek Design Technology TTP229-LSF Datasheet HTML 7Page - Tontek Design Technology TTP229-LSF Datasheet HTML 8Page - Tontek Design Technology TTP229-LSF Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Preliminary
TTP229-LSF
TonTouchTM
10’/02/25
Page 3 of 18
Ver : 1.0
PIN DESCRIPTION
Pin No. Pin Name Share Pin I/O Type
Pin Description
1
SLPSENA
I/O
Sleep mode sensitivity adjustment pin for group-A(TP0~7)
2
TP3
SKMS1
I/O
Touch pad input pin(KEY-3)
Key action function option-1(Single-key/Multi-key)
Default is all single-key
3
TP2
KYSEL
I/O
Touch pad input pin(KEY-2)
Key number function option(8-keys/16-keys)
Default is 8-keys
4
SENADJ0
I/O
Touch pad TP0~3 sensitivity adjust common pin
5
TP1
SAHL
I/O
Touch pad input pin(KEY-1)
Output type function option(Active High/Low)
Default is active-high for TPQ0~7
6
TP0
OPDEN
I/O
Touch pad input pin(KEY-0)
Output type function option(CMOS/OD/OC for 8-keys)
Default is CMOS
7
TP15
TPQ7
I/O/OD Touch pad input pin(KEY-15)
8-keys direct output pin(TPQ7)
8
TP14
TPQ6
I/O/OD Touch pad input pin(KEY-14)
8-keys direct output pin(TPQ6)
9
SENADJ3
I/O
Touch pad TP12~15 sensitivity adjust common pin
10
TP13
TPQ5
I/O/OD Touch pad input pin(KEY-13)
8-keys direct output pin(TPQ5)
11
TP12
TPQ4
I/O/OD Touch pad input pin(KEY-12)
8-keys direct output pin(TPQ4)
12
SDA
I/OD
Data pin for the I2C-bus serial data interface
13
SDO
O
Data valid signal output, option active Low/High by TP1
14
SCL
I
Serial clock input pin for the I2C-bus serial interface
15
SLPSENB
I/O
Sleep mode sensitivity adjustment pin for
group-B(TP8~15)
16
TP11
TPQ3
I/O/OD Touch pad input pin(KEY-11)
8-keys direct output pin(TPQ3)
17
TP10
TPQ2
I/O/OD Touch pad input pin(KEY-10)
8-keys direct output pin(TPQ2)
18
SENADJ2
I/O
Touch pad TP8~11 sensitivity adjust common pin
19
TP9
TPQ1
I/O/OD Touch pad input pin(KEY-9)
8-keys direct output pin(TPQ1)
20
TP8
TPQ0
I/O/OD Touch pad input pin(KEY-8)
8-keys direct output pin(TPQ0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com