Electronic Components Datasheet Search
  English  ▼

X  

TTP229-LSF Datasheet(PDF) 4 Page - Tontek Design Technology

Part # TTP229-LSF
Description  16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP229-LSF Datasheet(HTML) 4 Page - Tontek Design Technology

  TTP229-LSF Datasheet HTML 1Page - Tontek Design Technology TTP229-LSF Datasheet HTML 2Page - Tontek Design Technology TTP229-LSF Datasheet HTML 3Page - Tontek Design Technology TTP229-LSF Datasheet HTML 4Page - Tontek Design Technology TTP229-LSF Datasheet HTML 5Page - Tontek Design Technology TTP229-LSF Datasheet HTML 6Page - Tontek Design Technology TTP229-LSF Datasheet HTML 7Page - Tontek Design Technology TTP229-LSF Datasheet HTML 8Page - Tontek Design Technology TTP229-LSF Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Preliminary
TTP229-LSF
TonTouchTM
10’/02/25
Page 4 of 18
Ver : 1.0
Pin No. Pin Name Share Pin I/O Type
Pin Description
21
TEST
I-PL
Only for test
22
TP7
SKSRT
I/O
Touch pad input pin(KEY-7)
Maximum key-on time function option(Infinite/80sec)
Default is infinite
23
TP6
SLWPTM
I/O
Touch pad input pin(KEY-6)
Sleep mode sampling length function option(4.0/2.0mS)
Default is 4.0ms
24
SENADJ1
I/O
Touch pad TP4~7 sensitivity adjust common pin
25
TP5
WPSCT
I/O
Touch pad input pin(KEY-5)
Sampling rate at sleep mode function option(8Hz/64Hz)
Default is 8Hz
26
TP4
SKMS0
I/O
Touch pad input pin(KEY-4)
Key action function option-0(Single-key/Multi-key)
Default is all single-key
27
VDD
P
Positive power supply
28
VSS
P
Negative power supply, ground
Note:Pin Type
I
=>
CMOS input only
I-PH =>CMOS input and pull-high resister
I-PL =>CMOS input and pull-low resister
O
=>
CMOS push-pull output
I/O
=>
CMOS I/O
P
=>
Power / Ground
OD
=>
CMOS open drain output
(For OD TPQ0~TPQ7 pins have Diode protective circuit, SDA pin has no Diode protective circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com